Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC6304P Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FDC6304P
Descripción Electrónicos  Digital FET, Dual P-Channel
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6304P Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDC6304P Datasheet HTML 1Page - Fairchild Semiconductor FDC6304P Datasheet HTML 2Page - Fairchild Semiconductor FDC6304P Datasheet HTML 3Page - Fairchild Semiconductor FDC6304P Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (T
A = 25
O
C unless otherwise noted )
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = -250 µA
-25
V
BV
DSS/TJ
Breakdown Voltage Temp. Coefficient
I
D = -250 µA, Referenced to 25
o C
-22
mV /
o C
I
DSS
Zero Gate Voltage Drain Current
V
DS = -20 V, VGS = 0 V
-1
µA
T
J = 55°C
-10
µA
I
GSS
Gate - Body Leakage Current
V
GS = -8 V, VDS= 0 V
-100
nA
ON CHARACTERISTICS (Note 2)
V
GS(th)/TJ
Gate Threshold Voltage Temp. Coefficient
I
D = -250 µA, Referenced to 25
o C
2.1
mV /
o C
V
GS(th)
Gate Threshold Voltage
V
DS = VGS, ID = -250 µA
-0.65
-0.86
-1.5
V
R
DS(ON)
Static Drain-Source On-Resistance
V
GS = -2.7 V, ID = -0.25 A
1.22
1.5
V
GS = -4.5 V, ID = -0.5 A
0.87
1.1
T
J =125°C
1.21
2
I
D(ON)
On-State Drain Current
V
GS = -2.7 V, VDS = -5 V
-0.5
A
V
GS = -4.5 V, VDS = -5 V
-1
g
FS
Forward Transconductance
V
DS = -5 V, ID= -0.5 A
0.8
S
DYNAMIC CHARACTERISTICS
C
iss
Input Capacitance
V
DS = -10 V, VGS = 0 V,
f = 1.0 MHz
62
pF
C
oss
Output Capacitance
35
pF
C
rss
Reverse Transfer Capacitance
9.5
pF
SWITCHING CHARACTERISTICS (Note 2)
t
D(on)
Turn - On Delay Time
V
DD = -6 V, ID = -0.5 A,
V
GS = -4.5 V, RGEN = 50
7
20
ns
t
r
Turn - On Rise Time
8
20
ns
t
D(off)
Turn - Off Delay Time
55
110
ns
t
f
Turn - Off Fall Time
35
70
ns
Q
g
Total Gate Charge
V
DS = -5 V, ID = - 0.25 A,
V
GS = -4.5 V
1.1
1.5
nC
Q
gs
Gate-Source Charge
0.32
nC
Q
gd
Gate-Drain Charge
0.28
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
I
S
Maximum Continuous Drain-Source Diode Forward Current
-0.5
A
V
SD
Drain-Source Diode Forward Voltage
V
GS = 0 V, IS = -0.5 A
(Note 2)
-0.88
-1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by
design while RθCA is determined by the user's board design.
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
FDC6304P Rev.D
b. 180
OC/W on a 0.005 in2 of pad
of 2oz copper.
a. 140
OC/W on a 0.125 in2 pad of
2oz copper.


Número de pieza similar - FDC6304P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDC6301 FAIRCHILD-FDC6301 Datasheet
73Kb / 4P
   Dual N-Channel , Digital FET
FDC6301N FAIRCHILD-FDC6301N Datasheet
73Kb / 4P
   Dual N-Channel , Digital FET
FDC6301N FAIRCHILD-FDC6301N Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
logo
TECH PUBLIC Electronics...
FDC6301N-TP TECHPUBLIC-FDC6301N-TP Datasheet
870Kb / 3P
   Dual N-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
FDC6301N FAIRCHILD-FDC6301N_01 Datasheet
374Kb / 5P
   Dual N-Channel , Digital FET
More results

Descripción similar - FDC6304P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDG6302P FAIRCHILD-FDG6302P Datasheet
302Kb / 8P
   Dual P-Channel, Digital FET
FDG6318P FAIRCHILD-FDG6318P Datasheet
123Kb / 5P
   Dual P-Channel, Digital FET
FDG6318PZ FAIRCHILD-FDG6318PZ Datasheet
217Kb / 9P
   Dual P-Channel, Digital FET
FDG6304P FAIRCHILD-FDG6304P Datasheet
227Kb / 8P
   Dual P-Channel, Digital FET
FDC6302P FAIRCHILD-FDC6302P Datasheet
76Kb / 4P
   Digital FET, Dual P-Channel
FDC6322C FAIRCHILD-FDC6322C Datasheet
96Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C_08 Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
FDG6321C FAIRCHILD-FDG6321C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6320C FAIRCHILD-FDC6320C Datasheet
100Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C Datasheet
247Kb / 12P
   Dual N & P Channel Digital FET
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com