Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BCP68T1G Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza BCP68T1G
Descripción Electrónicos  NPN Silicon Epitaxial Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP68T1G Datasheet(HTML) 2 Page - ON Semiconductor

  BCP68T1G Datasheet HTML 1Page - ON Semiconductor BCP68T1G Datasheet HTML 2Page - ON Semiconductor BCP68T1G Datasheet HTML 3Page - ON Semiconductor BCP68T1G Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BCP68T1G, SBCP68T1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristics
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage (IC = 100 mAdc, IE = 0)
V(BR)CES
25
Vdc
Collector−Emitter Breakdown Voltage (IC = 1.0 mAdc, IB = 0)
V(BR)CEO
20
Vdc
Emitter−Base Breakdown Voltage (IE = 10 mAdc, IC = 0)
V(BR)EBO
5.0
Vdc
Collector−Base Cutoff Current (VCB = 25 Vdc, IE = 0)
ICBO
10
mAdc
Emitter−Base Cutoff Current (VEB = 5.0 Vdc, IC = 0)
IEBO
10
mAdc
ON CHARACTERISTICS
DC Current Gain
(IC = 5.0 mAdc, VCE = 10 Vdc)
(IC = 500 mAdc, VCE = 1.0 Vdc)
(IC = 1.0 Adc, VCE = 1.0 Vdc)
hFE
50
85
60
375
Collector−Emitter Saturation Voltage (IC = 1.0 Adc, IB = 100 mAdc)
VCE(sat)
0.5
Vdc
Base−Emitter On Voltage (IC = 1.0 Adc, VCE = 1.0 Vdc)
VBE(on)
1.0
Vdc
DYNAMIC CHARACTERISTICS
Current−Gain − Bandwidth Product (IC = 10 mAdc, VCE = 5.0 Vdc)
fT
60
MHz
TYPICAL ELECTRICAL CHARACTERISTICS
300
200
100
10
1000
100
10
1.0
IC, COLLECTOR CURRENT (mA)
Figure 1. DC Current Gain
TJ = 125C
= 25
C
= - 55
C
VCE = 1.0 V
IC, COLLECTOR CURRENT (mA)
Figure 2. Current-Gain-Bandwidth Product
300
200
100
70
50
30
1000
100
10
200
VCE = 10 V
TJ = 25C
f = 30 MHz


Número de pieza similar - BCP68T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
BCP68T1G ONSEMI-BCP68T1G Datasheet
106Kb / 4P
   NPN Silicon Epitaxial Transistor
November, 2011 ??Rev. 7
BCP68T1G ONSEMI-BCP68T1G Datasheet
109Kb / 5P
   NPN Silicon Epitaxial Transistor
January, 2014 ??Rev. 9
BCP68T1G ONSEMI-BCP68T1G_14 Datasheet
109Kb / 5P
   NPN Silicon Epitaxial Transistor
January, 2014 ??Rev. 9
More results

Descripción similar - BCP68T1G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com