Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GS8000-126 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza GS8000-126
Descripción Electrónicos  Increase package design flexibility while maintaining electrical integrity
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC1 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC1 - List of Unclassifed Manufacturers

GS8000-126 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GS8000-126 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS8000-126 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS8000-126 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS8000-126 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The GS8000 Series of GORE® EMI Shielding Materials improves
package design flexibility without compromising the electrical
performance of the device. These highly compressible materials
are specifically engineered to maintain consistent conductivity
through a wide working range (see Figure 1 and Figure 2). With
Gore’s strong technology focus in materials, the GS8000 Series
was developed with a unique conductive foam. The soft conductive-
foam construction accommodates surface variations in covers and
printed circuit boards, alleviating the need to specify very tight
tolerances. This soft construction also makes the GS8000 Series
compatible with plastic housings and snap fasteners. This material
maintains excellent shielding performance in a trace width as
narrow as 1 mm, providing comparable performance to other EMI
shielding materials that are 3 times the width. With the lower
compression or closure force, fewer fasteners are needed.
Typical Applications
Portable electronic devices, mobile phones, and GPS
Portable computers
Hand-held field testing equipment
Available as grounding pads and precision die-cut parts that
enable precise, high-volume assembly, the GS8000 Series of
GORE® EMI Shielding Materials provide maximum cavity-to-cavity
EMI protection in a smaller size for more design flexibility.
Increase package design flexibility while maintaining
electrical integrity
Table 1: Environmental and Mechanical Properties
Available as custom die-cut gaskets, strip gaskets, and grounding pads
Benefits of GORE® EMI Shielding
Materials — GS8000 Series
• Unsurpassed shielding effectiveness and minimal DC
resistance with low compressive force and broad range
of tolerance take-up
• Reliable electrical performance over wide range of gap
distances from soft foam construction
• Effective shielding performance in trace widths as
narrow as 1 mm
• Improved design flexibility because of low closure force
GORE
®
EMI Shielding
MATERIALS
GS8000 SERIES — Gaskets
and Grounding Pads
Property
Value
Temperature range
- 45°C to 85°C
RoHS Status (lead, cadmium,
hexavalent chromium, mercury, bromine)
Pass
Flammability in accordance with UL 94
horizontal burn method
Pass
Halogen levels (measured per BSEN 14582:2007)
Chlorine
< 50 ppm
Bromine
< 50 ppm
Fluorine
< 50 ppm
Iodine
< 50 ppm
Typical working range (for grounding pads)
0.15 mm to 2.2 mm
( 0.006" to 0.087")
Typical working range (for EMI gaskets)
0.15 mm to 1.4 mm
( 0.006" to 0.055")
Typical pressure to recommended
compression stop (RCS)
20 to 50 psi
Page 1


Número de pieza similar - GS8000-126

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Gennum Corporation
GS8000 GENNUM-GS8000 Datasheet
302Kb / 16P
   DVI / HDMI Extender
GS8000ACNE3 GENNUM-GS8000ACNE3 Datasheet
302Kb / 16P
   DVI / HDMI Extender
More results

Descripción similar - GS8000-126

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
Q48 ETC2-Q48 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q68 ETC2-Q68 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q58 ETC2-Q58 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q22 ETC2-Q22 Datasheet
201Kb / 2P
   Versatile mechanical design maximizes design flexibility
Q38 ETC2-Q38 Datasheet
176Kb / 2P
   Versatile mechanical design maximizes design flexibility
logo
Lumileds Lighting Compa...
LXZ2-2780-Y LUMILEDS-LXZ2-2780-Y Datasheet
2Mb / 23P
   Breakthrough luminance, design flexibility
logo
List of Unclassifed Man...
M9-U ETC2-M9-U Datasheet
243Kb / 2P
   Compact size maximizes design flexibility
logo
Axiomtek Co., Ltd.
SCM120-120-EVK AXIOMTEK-SCM120-120-EVK Datasheet
364Kb / 1P
   High flexibility SMARC v1.0 compliant design
Q7M120 AXIOMTEK-Q7M120 Datasheet
267Kb / 1P
   High flexibility Qseven v2.0 compliant design
logo
Maxim Integrated Produc...
MAXM17505 MAXIM-MAXM17505 Datasheet
970Kb / 19P
   Offers Flexibility for Power-Design Optimization
Rev 1; 4/15
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com