Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC6324 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FDC6324
Descripción Electrónicos  Integrated Load Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6324 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDC6324 Datasheet HTML 1Page - Fairchild Semiconductor FDC6324 Datasheet HTML 2Page - Fairchild Semiconductor FDC6324 Datasheet HTML 3Page - Fairchild Semiconductor FDC6324 Datasheet HTML 4Page - Fairchild Semiconductor FDC6324 Datasheet HTML 5Page - Fairchild Semiconductor FDC6324 Datasheet HTML 6Page - Fairchild Semiconductor FDC6324 Datasheet HTML 7Page - Fairchild Semiconductor FDC6324 Datasheet HTML 8Page - Fairchild Semiconductor FDC6324 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Electrical Characteristics (T
A = 25°C unless otherwise noted)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
I
FL
Forward Leakage Current
V
IN = 20 V, VON/OFF = 0 V
1
µA
I
RL
Reverse Leakage Current
V
IN = -20 V, VON/OFF = 0 V
-1
µA
ON CHARACTERISTICS (Note 3)
V
IN
Input Voltage
3
20
V
V
ON/OFF
On/Off Voltage
1.5
8
V
V
DROP
Conduction Voltage Drop @ 1A
V
IN = 10 V, VON/OFF = 3.3V
0.135
0.2
V
V
IN = 5 V, VON/OFF = 3.3 V
0.215
0.3
I
L
Load Current
V
DROP = 0.2 V, VIN = 10 V, VON/OFF = 3.3 V
1
A
V
DROP = 0.3 V, VIN = 5 V, VON/OFF = 3.3 V
1
Notes:
1. V
IN=20V, VON/OFF=8V, VDROP=0.5V, TA=25
oC
2. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed
by design while RθCA is determined by the user's board design.
PD
(t) = TJTA
R
θJ A(t) =
TJTA
R
θJ C+RθCA(t) =
I D
2
(t) × R
DS
(ON)@T
J
Typical RθJA for single device operation using the board layouts shown below on FR-4 PCB in a still air environment:
a. 180
oC/W when mounted on a 2oz minimum copper pad.
Scale 1 : 1 on letter size paper
3. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%
FDC6324L Rev. D
2a


Número de pieza similar - FDC6324

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
   Integrated Load Switch
October-2017, Rev. 4
More results

Descripción similar - FDC6324

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
   Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
   Integrated Load Switch
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
   Integrated Load Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDC6901L FAIRCHILD-FDC6901L Datasheet
121Kb / 5P
   Integrated Load Switch
FDC6323L FAIRCHILD-FDC6323L Datasheet
264Kb / 10P
   Integrated Load Switch
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
   Integrated Load Switch
October-2017, Rev. 4
logo
Fairchild Semiconductor
FDZ2040L FAIRCHILD-FDZ2040L Datasheet
738Kb / 11P
   Integrated Load Switch
FDG6324L FAIRCHILD-FDG6324L Datasheet
173Kb / 7P
   Integrated Load Switch
FDC6325L FAIRCHILD-FDC6325L Datasheet
98Kb / 5P
   Integrated Load Switch
FDC6329L FAIRCHILD-FDC6329L Datasheet
282Kb / 7P
   Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
   Integrated Load Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com