Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC6326L Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FDC6326L
Descripción Electrónicos  Integrated Load Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6326L Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDC6326L Datasheet HTML 1Page - Fairchild Semiconductor FDC6326L Datasheet HTML 2Page - Fairchild Semiconductor FDC6326L Datasheet HTML 3Page - Fairchild Semiconductor FDC6326L Datasheet HTML 4Page - Fairchild Semiconductor FDC6326L Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
August 1998
FDC6326L
Integrated Load Switch
General Description
Features
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Symbol
Parameter
FDC6326L
Units
V
IN
Input Voltage Range
3 - 20
V
V
ON/OFF
On/Off Voltage Range
2.5 - 8
V
I
L
Load Current
- Continuous
(Note 1)
1.8
A
- Pulsed
(Note 1 & 3)
5
P
D
Maximum Power Dissipation
(Note 2)
0.7
W
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
ESD
Electrostatic Discharge Rating MIL-STD-883D Human Body
Model (100pf/1500Ohm)
6
kV
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient
(Note 2)
180
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 2)
60
°C/W
FDC6326L Rev.D1
This device is particularly suited for compact power
management in portable electronic equipment where 3V to
20V input and 1.8A output current capability are needed.
This load switch integrates a small N-Channel power
MOSFET (Q1) which drives a large P-Channel power
MOSFET (Q2) in one tiny SuperSOT
TM-6 package.
V
DROP=0.20V @ VIN=12V, IL=1.5A.RDS(ON) = 0.125
V
DROP=0.20V @ VIN=5V, IL=1A.RDS(ON) = 0.20 Ω.
SuperSOT
TM-6 package design using copper lead frame for
superior thermal and electrical capabilities.
IN
OUT
ON/OFF
EQUIVALENT CIRCUIT
V
DROP
+
-
SOT-23
SuperSOT
TM-8
SOIC-16
SO-8
SOT-223
SuperSOT
TM-6
SuperSOT -6
TM
.326
pin 1
See Application Circuit
1
5
6
3
2
Vin,R1
Vout,C1
R2
ON/OFF
R1,C1
Q2
Q1
Vout,C1
4
© 1998 Fairchild Semiconductor Corporation


Número de pieza similar - FDC6326L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
FDC6326L ONSEMI-FDC6326L Datasheet
171Kb / 4P
   Integrated Load Switch
October-2017, Rev. 4
More results

Descripción similar - FDC6326L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
   Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
   Integrated Load Switch
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
   Integrated Load Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDC6901L FAIRCHILD-FDC6901L Datasheet
121Kb / 5P
   Integrated Load Switch
FDC6323L FAIRCHILD-FDC6323L Datasheet
264Kb / 10P
   Integrated Load Switch
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
   Integrated Load Switch
October-2017, Rev. 4
logo
Fairchild Semiconductor
FDZ2040L FAIRCHILD-FDZ2040L Datasheet
738Kb / 11P
   Integrated Load Switch
FDG6324L FAIRCHILD-FDG6324L Datasheet
173Kb / 7P
   Integrated Load Switch
FDC6325L FAIRCHILD-FDC6325L Datasheet
98Kb / 5P
   Integrated Load Switch
FDC6329L FAIRCHILD-FDC6329L Datasheet
282Kb / 7P
   Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
   Integrated Load Switch
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com