Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BY550-600 Datasheet(PDF) 2 Page - First Components International

No. de pieza BY550-600
Descripción Electrónicos  5.0 Amps Miniature PLASTIC SILICON RECTIFIERS Diffused junction
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FCI [First Components International]
Página de inicio  http://www.cotra.com.tw/
Logo FCI - First Components International

BY550-600 Datasheet(HTML) 2 Page - First Components International

  BY550-600 Datasheet HTML 1Page - First Components International BY550-600 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
PLASTIC SILICON RECTIFIERS
5.0 Amps Miniature
1
2
4
1
0
820
40 60 80 100
50
100
150
200
250
300
350
400
450
TJ=125
8.3ms SingleHalf
Sine-Wave
0
0.25
0.5
0.75
1.0
25
50
75
100 125
150
Single Phase
Half Wave 60H Z
Resistive or
Inductive Load
1.25
175
1.5
2.
FIG.4--TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
FIG.3 -- PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
FIG.1 -- TYPICAL FORWARD CHARACTERISTICS
FIG.2 -- TYPICAL FORWARD DERATING CURVE
.2
10
.1
20
40
.4
1.0
2
400
100
200
600
1000
410
20
40
100
TJ=25
1.0
0.6
.01
0.4
0.8
0.1
1.4
1.2
1.6
10
1.0
TJ=25 C
Pulse Width
=300us
0


Número de pieza similar - BY550-600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jinan Gude Electronic D...
BY550-600 JGD-BY550-600 Datasheet
138Kb / 2P
   5.0 AMP.SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
BY550-600 LUGUANG-BY550-600 Datasheet
163Kb / 2P
   Plastic Silicon Rectifiers
logo
EIC discrete Semiconduc...
BY550-600 EIC-BY550-600 Datasheet
16Kb / 2P
   SILICON RECTIFIER DIODES
logo
Shenzhen Taychipst Elec...
BY550-600 TAYCHIPST-BY550-600 Datasheet
1Mb / 2P
   SOFT RECOVERY FAST-SWITCHING PLASTIC RECTIFIERS
logo
Diotec Semiconductor
BY550-600 DIOTEC-BY550-600 Datasheet
179Kb / 2P
   Silicon Rectifiers
More results

Descripción similar - BY550-600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
First Components Intern...
RL251 FCI-RL251_1 Datasheet
136Kb / 2P
   2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS DIFFUSED JUNCTION
logo
New Jersey Semi-Conduct...
1N2069 NJSEMI-1N2069 Datasheet
129Kb / 1P
   DIFFUSED-JUNCTION SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
GP20A TSC-GP20A Datasheet
67Kb / 2P
   2.0 AMPS. Glass Passivated Junction Plastic Rectifiers
GP30A TSC-GP30A Datasheet
65Kb / 2P
   3.0 AMPS. Glass Passivated Junction Plastic Rectifiers
GP15A TSC-GP15A Datasheet
65Kb / 2P
   1.5 AMPS. Glass Passivated Junction Plastic Rectifiers
logo
New Jersey Semi-Conduct...
GP15A NJSEMI-GP15A Datasheet
97Kb / 1P
   1.5 AMPS. Glass Passivated Junction Plastic Rectifiers
GP30A NJSEMI-GP30A Datasheet
94Kb / 1P
   3.0 AMPS. Glass Passivated Junction Plastic Rectifiers
VF5 NJSEMI-VF5 Datasheet
91Kb / 1P
   Diffused Silicon Junction
logo
Vishay Siliconix
AGP15 VISHAY-AGP15 Datasheet
30Kb / 2P
   Miniature Glass Passivated Junction Plastic Controlled Avalanche Rectifiers
08-Jul-02
logo
Shenzhen Taychipst Elec...
AGP15-400 TAYCHIPST-AGP15-400 Datasheet
936Kb / 2P
   Miniature Glass Passivated Junction Plastic Controlled Avalanche Rectifiers
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com