Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDC642 Datasheet(PDF) 5 Page - Fairchild Semiconductor

No. de pieza FDC642
Descripción Electrónicos  P-Channel 2.5V Specified PowerTrench?줞OSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC642 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FDC642 Datasheet HTML 1Page - Fairchild Semiconductor FDC642 Datasheet HTML 2Page - Fairchild Semiconductor FDC642 Datasheet HTML 3Page - Fairchild Semiconductor FDC642 Datasheet HTML 4Page - Fairchild Semiconductor FDC642 Datasheet HTML 5Page - Fairchild Semiconductor FDC642 Datasheet HTML 6Page - Fairchild Semiconductor FDC642 Datasheet HTML 7Page - Fairchild Semiconductor FDC642 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
© 1998 Fairchild Semiconductor Corporation
Embo ssed
Carrier Tape
SSOT-6 Packaging
Configuration: Figur e 1.0
Comp onent s
Lead er Tape
500mm mi nimum or
125 emp ty poc kets
Traile r Tape
300mm mi nimum or
75 empty poc kets
SSOT-6 Tape Leader and Trailer
Configuration: Figur e 2.0
Cover Tape
Carrier Tape
Note/Comments
Packaging Option
SSOT-6 Packaging Information
Standard
(no f l ow c ode )
D87Z
Packaging type
Reel Size
TNR
7" Dia
TNR
13"
Qty per Reel/Tube/Bag
3,000
10,000
Box Dimension (mm)
184x187x47
343x343x64
Max qty per Box
9,000
30,000
Weight per unit (gm)
0.0158
0.0158
Weight per Reel (kg)
0.1440
0.4700
F63TNR
Label
Customize Lab el
Anti static Cover Tape
184mm x 187mm x 47mm
Pizza Box fo r Standar d Opti on
F63TNR
Label
F63TNR Labe l
F63TNR Labe l sa mpl e
343mm x 342mm x 64mm
Intermediate bo x fo r D87Z Option
F63TNR
Label
SSOT-6 Unit Orientation
631
631
631
631
631
Pin 1
LOT: CBVK741B019
FSID: FDC633N
D/C1: D9842
QTY1:
SPEC REV:
SPEC:
QTY: 3000
D/C2:
QTY2:
CPN:
N/F: F
(F63TNR)3
Packaging Description:
SSOT-6 parts are shipped in tape. The carrier tape is
made from a dissipative (carbon filled) polycarbonate
resin. The cover tape is a multilayer film (Heat Activated
Adhesive in nature) primarily composed of polyester film,
adhesive layer, sealant, and anti-static sprayed agent.
These reeled parts in standard option are shipped with
3,000 units per 7" or 177cm diameter reel. The reels are
dark blue in color and is made of polystyrene plastic (anti-
static coated). Other option comes in 10,000 units per 13"
or 330cm diameter reel. This and some other options are
described in the Packaging Information table.
These full reels are individually barcode labeled and
placed inside a pizza box (illustrated in figure 1.0) made of
recyclable corrugated brown paper with a Fairchild logo
printing. One pizza box contains three reels maximum.
And these pizza boxes are placed inside a barcode
labeled shipping box which comes in different sizes
depending on the number of parts shipped.
SuperSOTTM-6 Tape and Reel Data and Package Dimensions
August 1999, Rev. C


Número de pieza similar - FDC642

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDC6420 FAIRCHILD-FDC6420 Datasheet
102Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
FDC6420C FAIRCHILD-FDC6420C Datasheet
102Kb / 8P
   20V N & P-Channel PowerTrench MOSFETs
logo
VBsemi Electronics Co.,...
FDC6420C-NL VBSEMI-FDC6420C-NL Datasheet
1Mb / 10P
   N- and P-Channel V (D-S) MOSFET
logo
ON Semiconductor
FDC642P-F085 ONSEMI-FDC642P-F085 Datasheet
1Mb / 9P
   MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
FDC642P-F085P ONSEMI-FDC642P-F085P Datasheet
1Mb / 9P
   MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
More results

Descripción similar - FDC642

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDZ204P FAIRCHILD-FDZ204P Datasheet
195Kb / 6P
   P-Channel 2.5V Specified PowerTrench
FDZ206P FAIRCHILD-FDZ206P Datasheet
219Kb / 5P
   P-Channel 2.5V Specified PowerTrench
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com