Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

6N136SDM Datasheet(PDF) 7 Page - Fairchild Semiconductor

No. de pieza 6N136SDM
Descripción Electrónicos  Single-Channel: 6N135M, 6N136M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) HIGH SPEED TRANSISTOR OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N136SDM Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 6N136SDM Datasheet HTML 3Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 4Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 5Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 6Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 7Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 8Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 9Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 10Page - Fairchild Semiconductor 6N136SDM Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N13XM, HCPLXXXM Rev. 1.0.6
7
Typical Performance Curves
-40
-20
0
20
40
60
80
100
120
Fig. 1 Normalized CTR vs. Forward Current
IF - FORWARD CURRENT (mA)
0.1
1
10
100
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0.0
Fig. 2 Normalized CTR vs. Temperature
TA - TEMPERATURE (°C)
-40
-20
0
20
40
60
80
100
120
-40
-20
0
20
40
60
80
100
120
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Fig. 3 Output Current vs. Output Voltage
VO – OUTPUT VOLTAGE (V)
02468
10
12
14161820
Normalized to:
IF = 16 mA
VO = 0.4 V
VCC = 5 V
TA = 25°C
Normalized to:
TA = 25°C
IF = 16mA
VCC = 4.5V
VO = 0.4V
Fig. 4 Logic High Output Current
vs. Temperature
TA – TEMPERATURE (°C)
0.1
1000
25
20
15
10
5
0
100
10
1
Fig. 5 Propagation Delay vs. Temperature
TA – TEMPERATURE (°C)
0
100
200
300
400
500
600
700
800
RL = 1.9kΩ (tPHL)
R = 4.1k
Ω (tPHL)
L
RL = 1.9kΩ (tPLH)
RL = 4.1kΩ (tPLH)
Fig. 6 Propagation Delay vs. Load Resistance
RL – LOAD RESISTANCE (kΩ)
1
10
100
1000
IF = 16mA (tPLH)
IF = 16mA (tPHL)
TA = 25°C
VCC = 5 V
IF = 0 mA
VCC = 5.5V
VO = 5.5V
Frequency = 10kHz
Duty Cycle = 10%
VCC = 5V
IF
35mA
30mA
25mA
20mA
15mA
10mA
5mA
= 40mA
Frequency = 10kHz
Duty Cycle = 10%
VCC = 5 V
IF = 10mA (tPLH)
IF = 10mA (tPHL)


Número de pieza similar - 6N136SDM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
6N136SD FAIRCHILD-6N136SD Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N136SD FAIRCHILD-6N136SD Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
6N136SDV FAIRCHILD-6N136SDV Datasheet
577Kb / 12P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
6N136SDV FAIRCHILD-6N136SDV Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
More results

Descripción similar - 6N136SDM

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
HCPL4503M FAIRCHILD-HCPL4503M_10 Datasheet
422Kb / 15P
   Single-Channel: 6N135M, 6N136M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M (Preliminary)
6N135M FAIRCHILD-6N135M_10 Datasheet
422Kb / 15P
   Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) High Speed Transistor Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
6N135 HP-6N135 Datasheet
149Kb / 16P
   Single Channel, High Speed Optocouplers
logo
Shenzhen Tenand Technol...
6N138 TENAND-6N138 Datasheet
698Kb / 15P
   Single Channel, High Speed Optocouplers
logo
Lite-On Technology Corp...
6N135 LITEON-6N135 Datasheet
623Kb / 15P
   Single Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2530-000E AVAGO-HCPL-2530-000E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2530 HP-HCPL2530 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
6N136-500E AVAGO-6N136-500E Datasheet
691Kb / 17P
   Single Channel, High Speed Optocouplers
HCPL-4503-500E AVAGO-HCPL-4503-500E Datasheet
351Kb / 16P
   Single Channel, High Speed Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com