Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS86242 Datasheet(PDF) 2 Page - Fairchild Semiconductor

No. de pieza FDS86242
Descripción Electrónicos  N-Channel PowerTrench짰 MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS86242 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDS86242 Datasheet HTML 1Page - Fairchild Semiconductor FDS86242 Datasheet HTML 2Page - Fairchild Semiconductor FDS86242 Datasheet HTML 3Page - Fairchild Semiconductor FDS86242 Datasheet HTML 4Page - Fairchild Semiconductor FDS86242 Datasheet HTML 5Page - Fairchild Semiconductor FDS86242 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.fairchildsemi.com
2
©2010 Fairchild Semiconductor Corporation
FDS86242 Rev. C
Electrical Characteristics T
J = 25°C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250 μA, VGS = 0 V
150
V
ΔBV
DSS
ΔT
J
Breakdown Voltage Temperatur
Coefficient
ID = 250 μA, referenced to 25 °C
104
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 120 V, VGS = 0 V
1
μA
IGSS
Gate to Source Leakage Current
VGS = ±20 V, VDS = 0 V
±100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 μA2
3.5
4
V
ΔV
GS(th)
ΔT
J
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 μA, referenced to 25 °C
-10
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 4.1 A
56.3
67
m
Ω
VGS = 6 V, ID = 3.3 A
73.8
98
VGS = 10 V, ID = 4.1 A, TJ = 125 °C
107
126
gFS
Forward Transconductance
VDS = 10 V, ID = 4.1 A
11
S
Ciss
Input Capacitance
VDS = 75 V, VGS = 0 V,
f = 1MHz
570
760
pF
Coss
Output Capacitance
64
85
pF
Crss
Reverse Transfer Capacitance
2.9
5
pF
Rg
Gate Resistance
0.5
Ω
td(on)
Turn-On Delay Time
VDD = 75 V, ID = 4.1 A,
VGS = 10 V, RGEN = 6 Ω
7.9
16
ns
tr
Rise Time
1.5
10
ns
td(off)
Turn-Off Delay Time
13
23
ns
tf
Fall Time
2.8
10
ns
Qg(TOT)
Total Gate Charge
VGS = 0 V to 10 V
VDD = 75 V,
ID = 4.1 A
8.9
13
nC
Qg(TOT)
Total Gate Charge
VGS = 0 V to 5 V
4.9
7
nC
Qgs
Gate to Source Charge
3.0
nC
Qgd
Gate to Drain “Miller” Charge
2.0
nC
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = 4.1 A
(Note 2)
0.81
1.3
V
VGS = 0 V, IS = 2 A
(Note 2)
0.77
1.2
trr
Reverse Recovery Time
IF = 4.1 A, di/dt = 100 A/μs
61
98
ns
Qrr
Reverse Recovery Charge
71
114
nC
NOTES:
1. RθJA is determined with the device mounted on a 1 in
2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθCA is determined by
the user's board design.
2. Pulse Test: Pulse Width < 300
μs, Duty cycle < 2.0%.
3. Starting TJ = 25 °C, L = 1 mH, IAS = 9 A, VDD = 135 V, VGS = 10 V.
a) 50 °C/W when mounted on a
1 in2 pad of 2 oz copper.
b) 125 °C/W when mounted on a
minimum pad.


Número de pieza similar - FDS86242

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
FDS86242 VBSEMI-FDS86242 Datasheet
990Kb / 9P
   N-Channel 150 V (D-S) MOSFET
More results

Descripción similar - FDS86242

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS8978 FAIRCHILD-FDS8978_11 Datasheet
704Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDMS86350 FAIRCHILD-FDMS86350 Datasheet
253Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8443_F085 FAIRCHILD-FDB8443_F085 Datasheet
621Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB8896_F085 FAIRCHILD-FDB8896_F085 Datasheet
216Kb / 11P
   N-Channel PowerTrench짰 MOSFET
FDBL9401_F085 FAIRCHILD-FDBL9401_F085 Datasheet
385Kb / 6P
   N-Channel PowerTrench짰 MOSFET
FDD770N15A FAIRCHILD-FDD770N15A Datasheet
639Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDMS7698 FAIRCHILD-FDMS7698 Datasheet
256Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDB075N15A FAIRCHILD-FDB075N15A Datasheet
311Kb / 10P
   N-Channel PowerTrench짰 MOSFET
FDP100N10 FAIRCHILD-FDP100N10 Datasheet
454Kb / 8P
   N-Channel PowerTrench짰 MOSFET
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDS8896 FAIRCHILD-FDS8896_07 Datasheet
622Kb / 12P
   N-Channel PowerTrench짰 MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com