Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4148113 Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza 1N4148113
Descripción Electrónicos  High-speed diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NXP [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo NXP - NXP Semiconductors

1N4148113 Datasheet(HTML) 4 Page - NXP Semiconductors

  1N4148113 Datasheet HTML 1Page - NXP Semiconductors 1N4148113 Datasheet HTML 2Page - NXP Semiconductors 1N4148113 Datasheet HTML 3Page - NXP Semiconductors 1N4148113 Datasheet HTML 4Page - NXP Semiconductors 1N4148113 Datasheet HTML 5Page - NXP Semiconductors 1N4148113 Datasheet HTML 6Page - NXP Semiconductors 1N4148113 Datasheet HTML 7Page - NXP Semiconductors 1N4148113 Datasheet HTML 8Page - NXP Semiconductors 1N4148113 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2004 Aug 10
4
NXP Semiconductors
Product data sheet
High-speed diodes
1N4148; 1N4448
GRAPHICAL DATA
0
100
200
300
200
0
100
mbg451
Tamb (°C)
IF
(mA)
Fig.2
Maximum permissible continuous forward
current as a function of ambient
temperature.
Device mounted on an FR4 printed-circuit board; lead length 10 mm.
Fig.3
Forward current as a function of forward
voltage.
handbook, halfpage
012
600
0
200
400
MBG464
VF (V)
IF
(mA)
(1)
(2)
(3)
(1) Tj = 175 °C; typical values.
(2) Tj = 25 °C; typical values.
(3) Tj = 25 °C; maximum values.
Fig.4 Maximum permissible non-repetitive peak forward current as a function of pulse duration.
Based on square wave currents.
Tj = 25 °C prior to surge.
handbook, full pagewidth
MBG704
10
tp (µs)
1
IFSM
(A)
102
10−1
104
102
103
10
1


Número de pieza similar - 1N4148113

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Won-Top Electronics
1N4148 WTE-1N4148 Datasheet
42Kb / 4P
   FAST SWITCHING DIODE
logo
New Jersey Semi-Conduct...
1N4148 NJSEMI-1N4148 Datasheet
44Kb / 1P
   Small Signal Devices
logo
NXP Semiconductors
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
logo
Micro Commercial Compon...
1N4148 MCC-1N4148 Datasheet
239Kb / 4P
   Metalurgically Bonded Construction Low Current Leakage High Reliability
logo
SEMTECH ELECTRONICS LTD...
1N4148 SEMTECH_ELEC-1N4148 Datasheet
256Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
More results

Descripción similar - 1N4148113

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
BA316 PHILIPS-BA316 Datasheet
39Kb / 7P
   High-speed diodes
1996 Sep 03
PMLL4148 PHILIPS-PMLL4148 Datasheet
51Kb / 8P
   High-speed diodes
1999 May 27
PMLL4150 PHILIPS-PMLL4150 Datasheet
37Kb / 9P
   High-speed diodes
1996 Sep 18
1N4150 PHILIPS-1N4150 Datasheet
53Kb / 8P
   High-speed diodes
1999 Jun 01
1N4148 NXP-1N4148 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
1N4531 PHILIPS-1N4531_15 Datasheet
127Kb / 9P
   High-speed diodes
1996 Sep 03
1N4446 PHILIPS-1N4446 Datasheet
69Kb / 7P
   High-speed diodes
1996 Apr 15
1N4531 NXP-1N4531 Datasheet
127Kb / 9P
   High-speed diodes
April 1996
1N4148 PHILIPS-1N4148 Datasheet
57Kb / 8P
   High-speed diodes
1999 May 25
1N4148_1N4448 PHILIPS-1N4148_1N4448_15 Datasheet
128Kb / 9P
   High-speed diodes
2004 Aug 10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com