Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM4543C Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza AM4543C
Descripción Electrónicos  Single 2-Input OR Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AM4543C Datasheet(HTML) 2 Page - ON Semiconductor

  AM4543C Datasheet HTML 1Page - ON Semiconductor AM4543C Datasheet HTML 2Page - ON Semiconductor AM4543C Datasheet HTML 3Page - ON Semiconductor AM4543C Datasheet HTML 4Page - ON Semiconductor AM4543C Datasheet HTML 5Page - ON Semiconductor AM4543C Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MC74VHC1G32
http://onsemi.com
2
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage
*0.5 to )7.0
V
VIN
DC Input Voltage
−0.5 to +7.0
V
VOUT
DC Output Voltage
*0.5 to VCC )0.5
V
IIK
DC Input Diode Current
−20
mA
IOK
DC Output Diode Current
$20
mA
IOUT
DC Output Sink Current
$12.5
mA
ICC
DC Supply Current per Supply Pin
$25
mA
TSTG
Storage Temperature Range
*65 to )150
°C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
°C
TJ
Junction Temperature Under Bias
)150
°C
qJA
Thermal Resistance
SC70−5/SC−88A (Note 1)
TSOP−5
350
230
°C/W
PD
Power Dissipation in Still Air at 85°CSC70−5/SC−88A
TSOP−5
150
200
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 2)
Machine Model (Note 3)
Charged Device Model (Note 4)
u2000
u200
N/A
V
ILATCHUP
Latchup Performance
Above VCC and Below GND at 125°C (Note 5)
$500
mA
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Measured with minimum pad spacing on an FR4 board, using 10 mm−by−1 inch, 2−ounce copper trace with no air flow.
2. Tested to EIA/JESD22−A114−A.
3. Tested to EIA/JESD22−A115−A.
4. Tested to JESD22−C101−A.
5. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Characteristics
Min
Max
Unit
VCC
DC Supply Voltage
2.0
5.5
V
VIN
DC Input Voltage
0.0
5.5
V
VOUT
DC Output Voltage
0.0
VCC
V
TA
Operating Temperature Range
−55
+125
°C
tr , tf
Input Rise and Fall Time
VCC = 3.3 V ± 0.3 V
VCC = 5.0 V ± 0.5 V
0
0
100
20
ns/V
Device Junction Temperature versus
Time to 0.1% Bond Failures
Junction
Temperature °C
Time, Hours
Time, Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
1
1
10
100
1000
TIME, YEARS
FAILURE RATE OF PLASTIC = CERAMIC
UNTIL INTERMETALLICS OCCUR
Figure 3. Failure Rate vs. Time
Junction Temperature


Número de pieza similar - AM4543C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AM4543C ANALOGPOWER-AM4543C Datasheet
502Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM4543C-T1-PF VBSEMI-AM4543C-T1-PF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results

Descripción similar - AM4543C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
   Single 2-Input OR Gate
September, 2001 ??Rev. 7
logo
NXP Semiconductors
74AUC1G32 PHILIPS-74AUC1G32 Datasheet
146Kb / 12P
   Single 2-input OR gate
2001 Nov 30
logo
Unisonic Technologies
U74AUP1G86 UTC-U74AUP1G86_15 Datasheet
229Kb / 5P
   SINGLE 2-INPUT OR GATE
U74LVC1G86 UTC-U74LVC1G86_15 Datasheet
214Kb / 6P
   SINGLE 2-INPUT OR GATE
logo
ON Semiconductor
NLV17SZ86 ONSEMI-NLV17SZ86 Datasheet
71Kb / 5P
   Single 2-Input OR Gate
November, 2015 ??Rev. 0
MC74HC1G32 ONSEMI-MC74HC1G32_16 Datasheet
81Kb / 6P
   Single 2-Input OR Gate
February, 2016 ??Rev. 14
logo
Rohm
BU4S71G2 ROHM-BU4S71G2_15 Datasheet
1Mb / 16P
   Single 2-Input OR Gate
logo
Nexperia B.V. All right...
74LVC1G32-Q100 NEXPERIA-74LVC1G32-Q100 Datasheet
217Kb / 12P
   Single 2-input OR gate
Rev. 6 - 18 January 2022
logo
ON Semiconductor
MC74VHC1G32 ONSEMI-MC74VHC1G32_13 Datasheet
122Kb / 6P
   Single 2-Input OR Gate
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com