Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SLA6870MZ Datasheet(PDF) 1 Page - Allegro MicroSystems

No. de pieza SLA6870MZ
Descripción Electrónicos  High Voltage 3-Phase Motor Drivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ALLEGRO [Allegro MicroSystems]
Página de inicio  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SLA6870MZ Datasheet(HTML) 1 Page - Allegro MicroSystems

  SLA6870MZ Datasheet HTML 1Page - Allegro MicroSystems SLA6870MZ Datasheet HTML 2Page - Allegro MicroSystems SLA6870MZ Datasheet HTML 3Page - Allegro MicroSystems SLA6870MZ Datasheet HTML 4Page - Allegro MicroSystems SLA6870MZ Datasheet HTML 5Page - Allegro MicroSystems SLA6870MZ Datasheet HTML 6Page - Allegro MicroSystems SLA6870MZ Datasheet HTML 7Page - Allegro MicroSystems SLA6870MZ Datasheet HTML 8Page - Allegro MicroSystems SLA6870MZ Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
SLA6870MZ-DS
Description
The SLA6870MZ inverter power module (IPM) series provides
a robust, highly-integrated solution for optimally controlling
3-phase motor power inverter systems and variable speed
control systems used in energy-conserving designs to drive
motors of residential and commercial appliances. These ICs
take 230 VAC input voltage, and up to 3 A (continuous) output
current. They can withstand voltages of up to 500 V (MOSFET
breakdown voltage).
The SLA6870MZ power package includes an IC with all of
the necessary power elements (six MOSFETs), pre-driver ICs
(two), and bootstrap diodes (three), needed to configure the
main circuit of an inverter. This enables the main circuit of
the inverter to be configured with fewer external components
than traditional designs.
Applications include residential white goods (home
applications) and commercial appliance motor control:
• Air conditioner fan
• Small ventilation fan
• Dishwasher pump
Features and Benefits
▪ Built-in pre-drive IC
▪ MOSFET power element
▪ Alleviate noise generation by adjusting an internal resistor
▪ CMOS compatible input (5 V)
▪ High-side gate driver using bootstrap circuit or floating
power supply
▪ Built-in protection circuit for controlling power supply
voltage drop (UVLO on VCC)
▪ Overcurrent protection (OCP), overcurrent limiting (OCL),
and thermal shutdown (TSD)
▪ Output of fault signal during operation of protection circuit
▪ Output current 3 A
▪ Small SIP (SLA 24-pin)
High Voltage 3-Phase Motor Drivers
Figure 1. Driver block diagram
Functional Block Diagram
Low-Side
Driver
UVLO
UVLO
UVLO
UVLO
Input
Logic
Input Logic
(OCP Reset )
UVLO
Thermal
Shutdown
SD1
VCC1
VB1
VB2
VB3
VBB
U
V
W1
W2
LS
2
LS
1
SD2
COM2
LIN3
LIN2
LIN1
VCC 2
COM1
HIN3
HIN2
HIN1
High-Side
Level Shift Driver
OCL
OCP and OCL
RC
OCP
Packages: Power SIP
Not to scale
A. ¯S¯¯¯D¯¯1¯ and ¯S¯¯¯D¯¯2¯ terminals are used for both input and output.
B. ¯S¯¯¯D¯¯1¯, ¯S¯¯¯D¯¯2¯, and ¯O¯¯¯C¯¯L¯terminals are open-collector output. RC terminal is open-drain output.
C. Blanking Time (tblank) is used in Overcurrent Limiting (OCL) and Overcurrent Protection (OCP).
If the time exceeds the limit, the signal will be output (open-collector output turns on) on the ¯S¯¯¯D¯¯2¯
pin, and protection operation will start up.
SLA6870MZ Series
Leadform
2171
Leadform 2175


Número de pieza similar - SLA6870MZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SLA6870MZ SANKEN-SLA6870MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
More results

Descripción similar - SLA6870MZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanken electric
SMA6820MH SANKEN-SMA6820MH Datasheet
185Kb / 11P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SMA6820MP ALLEGRO-SMA6820MP Datasheet
301Kb / 13P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6850M SANKEN-SMA6850M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
SMA6860M SANKEN-SMA6860M Datasheet
350Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SLA6860M ALLEGRO-SLA6860M Datasheet
334Kb / 17P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SMA6860MZ SANKEN-SMA6860MZ Datasheet
249Kb / 19P
   High Voltage 3-Phase Motor Drivers
SLA6820M SANKEN-SLA6820M Datasheet
309Kb / 14P
   High Voltage 3-Phase Motor Drivers
SLA6868MZ SANKEN-SLA6868MZ Datasheet
262Kb / 18P
   High Voltage 3-Phase Motor Drivers
logo
Allegro MicroSystems
SX68000M ALLEGRO-SX68000M Datasheet
515Kb / 15P
   High Voltage 3-Phase Motor Drivers
logo
Sanken electric
SX68000MH SANKEN-SX68000MH Datasheet
333Kb / 13P
   High Voltage 3-Phase Motor Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com