Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8553ARMZ-REEL Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD8553ARMZ-REEL
Descripción Electrónicos  1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8553ARMZ-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8553ARMZ-REEL Datasheet HTML 4Page - Analog Devices AD8553ARMZ-REEL Datasheet HTML 5Page - Analog Devices AD8553ARMZ-REEL Datasheet HTML 6Page - Analog Devices AD8553ARMZ-REEL Datasheet HTML 7Page - Analog Devices AD8553ARMZ-REEL Datasheet HTML 8Page - Analog Devices AD8553ARMZ-REEL Datasheet HTML 9Page - Analog Devices AD8553ARMZ-REEL Datasheet HTML 10Page - Analog Devices AD8553ARMZ-REEL Datasheet HTML 11Page - Analog Devices AD8553ARMZ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD8553
Rev. A | Page 8 of 20
VCC = 5V
GAIN = 10
0
5.0
10.0 15.0 20.0 25.0 30.0 35.0 40.0 45.0 50.0
Figure 14. Input Offset Voltage (μV)
VCC = 5V
GAIN = 1
–50
–10
30
70
110
150
190
230
270
310
350
Figure 15. Input Offset Voltage (μV)
–250 –225 –200 –175 –150 –125 –100 –75
–50
–25
0
VCC = 5V
GAIN = 100
VCM = 12.125mV
Figure 16. Gain Error (m%)
VCC = 5V
GAIN = 10
0
0.03 0.06 0.09 0.12 0.15 0.18 0.21 0.24 0.27 0.30
Figure 17. Input Offset Voltage Drift (μV/°C)
VCC = 5V
GAIN = 1
0
0.30 0.60 0.90 1.20 1.50 1.80 2.10 2.40 2.70 3.00
Figure 18. Input Offset Voltage Drift (μV/°C)
VCC = 5V
GAIN = 100
VCM = 12.125mV
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
Figure 19. Nonlinearity (m%)


Número de pieza similar - AD8553ARMZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8553ARMZ-REEL AD-AD8553ARMZ-REEL Datasheet
334Kb / 20P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
REV. A
AD8553ARMZ-REEL AD-AD8553ARMZ-REEL Datasheet
383Kb / 21P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
More results

Descripción similar - AD8553ARMZ-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD8553ARMZ-R2 AD-AD8553ARMZ-R2 Datasheet
334Kb / 20P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
REV. A
AD8563 AD-AD8563_15 Datasheet
188Kb / 15P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. PrA
AD8553 AD-AD8553_15 Datasheet
334Kb / 20P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. A
AD8553 AD-AD8553_16 Datasheet
383Kb / 21P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
AD8563 AD-AD8563 Datasheet
179Kb / 15P
   1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
Rev. PrA
ADA4051-1 AD-ADA4051-1 Datasheet
620Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. B
ADA4051-2 AD-ADA4051-2 Datasheet
611Kb / 20P
   1.8 V, Micropower, Zero-Drift, Rail-to-Rail Input/Output Op Amp
REV. 0
logo
Texas Instruments
TL16C2552 TI-TL16C2552 Datasheet
445Kb / 34P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2550-Q1 TI1-TL16C2550-Q1 Datasheet
997Kb / 38P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 16-BYTE FIFOS
TL16C2752 TI1-TL16C2752_16 Datasheet
393Kb / 26P
[Old version datasheet]   1.8-V to 5-V DUAL UART WITH 64-BYTE FIFOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com