Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BZX55C.5V1 Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza BZX55C.5V1
Descripción Electrónicos  Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BZX55C.5V1 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BZX55C.5V1 Datasheet HTML 1Page - Fairchild Semiconductor BZX55C.5V1 Datasheet HTML 2Page - Fairchild Semiconductor BZX55C.5V1 Datasheet HTML 3Page - Fairchild Semiconductor BZX55C.5V1 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2007 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
BZX55C2V4 - BZX55C56 Rev. D1
June 2007
BZX55C2V4 - BZX55C56
Zener Diodes
Absolute Maximum Ratings * T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of the diode may be impaired.
Electrical Characteristics T
a = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
PD
Power Dissipation
@ TL
≤ 75°C, Lead Length = 3/8”
500
mW
Derate above 75
°C
4.0
mW/
°C
TJ, TSTG
Operating and Storage Temperature Range
-65 to +200
°C
Device
VZ (V) @ IZ (Note 1)
ZZ @ IZ
(
Ω)
Test Current
IZ (mA)
IR (μA) @ VR
IZM (mA)
(Note 2)
Min.
Max.
Ta = 25°C Ta = 125°C VR (V)
BZX55C2V4
BZX55C2V7
BZX55C3V0
BZX55C3V3
BZX55C3V6
2.28
2.50
2.8
3.1
3.4
2.56
2.9
3.2
3.5
3.8
85
85
85
85
85
5
5
5
5
5
50
10
4
2
2
100
50
40
40
40
1
1
1
1
1
155
135
125
115
105
BZX55C3V9
BZX55C4V3
BZX55C4V7
BZX55C5V1
BZX55C5V6
3.7
4.0
4.4
4.8
5.2
4.1
4.6
5.0
5.4
6.0
85
75
60
35
25
5
5
5
5
5
2
1
0.5
0.1
0.1
40
40
10
2
2
1
1
1
1
1
95
90
85
80
70
BZX55C6V2
BZX55C6V8
BZX55C7V5
BZX55C8V2
BZX55C9V1
5.8
6.4
7.0
7.7
8.5
6.6
7.2
7.9
8.7
9.6
10
8
7
7
10
5
5
5
5
5
0.1
0.1
0.1
0.1
0.1
2
2
2
2
2
2
3
5
6
7
64
58
53
47
43
BZX55C10
BZX55C11
BZX55C12
BZX55C13
BZX55C15
9.5
10.4
11.4
12.4
13.8
10.6
11.6
12.7
14.1
15.6
15
20
20
26
30
5
5
5
5
5
0.1
0.1
0.1
0.1
0.1
2
2
2
2
2
7.5
8.5
9
10
11
40
36
32
29
27
DO-35 Glass case
COLOR BAND DENOTES CATHODE
Tolerance = 5%


Número de pieza similar - BZX55C.5V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BZX55C VISHAY-BZX55C Datasheet
70Kb / 6P
   Silicon Epitaxial Planar Z-Diodes
Rev. 4, 01-Apr-99
logo
Kingtronics Internation...
BZX55C KINGTRONICS-BZX55C Datasheet
470Kb / 4P
   BZX55C Silicon Planar Zener Diodes
logo
Seme LAB
BZX55C SEME-LAB-BZX55C Datasheet
19Kb / 2P
   VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS
logo
New Jersey Semi-Conduct...
BZX55C NJSEMI-BZX55C Datasheet
102Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Fairchild Semiconductor
BZX55C FAIRCHILD-BZX55C Datasheet
23Kb / 1P
   Series Half Watt Zeners
More results

Descripción similar - BZX55C.5V1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com