Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST325 Datasheet(PDF) 1 Page - KODENSHI_AUK CORP.

No. de pieza ST325
Descripción Electrónicos  Photo transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KODENSHI [KODENSHI_AUK CORP.]
Página de inicio  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

ST325 Datasheet(HTML) 1 Page - KODENSHI_AUK CORP.

  ST325 Datasheet HTML 1Page - KODENSHI_AUK CORP. ST325 Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 1-
ST-325
Photo transistors
KODENSHI
The ST–325 is a high–sensitivity NPN silicon
phototransistor mounted in a red low profile side–
viewing package. This phototransistor is both ultra–
compact and easy to mount.
FEATURES
•Side–viewering plastic package
•Ultra– Compact / Low–profile package
APPLICATIONS
•Photointerrupters
•Tape–end sensors
•Optical switches
DIMENSIONS
(Unit : mm)
Rating
Symbol
Item
MAXIMUM RATINGS
C-E voltage
E-C voltage
Collector current
Collector power dissipation
Operating temp.
Storage Temp.
Soldering temp. *1
VCEO
VECO
IC
PC
Topr.
Tstg.
Tsol.
30
5
20
75
-25~+85
-30~+85
260
V
V
mA
mW
Unit
(Ta=25℃)
(Ta=25℃)
ELECTRO-OPTICAL CHARACTERISTICS
VCEO=10V
VCE=5V,EV=1000lx *2
IC=0.5mA,EV=2000lx *2
VCC=10V,IC=1mA,
RL=100Ω
Item
Typ.
0.2
3.2
4.8
500~1,050
880
±60
Collector dark current
Light current
C-E saturation voltage
Switching speeds
Rise time
Fall time
Spectral sensitivity
Peak wavelength
Half angle
ICEO
IL
VCE(sat)
tr
tf
λ
λp
△θ
0.4
100
0.4
nA
mA
V
μsec.
μsec.
nm
nm
deg.
Symbol
Conditions
Min.
Max.
Unit.
*1.For MAX.5 seconds at the position of 2 mm from the package
*2. Color temp.=2856K standard Tungsten lamp


Número de pieza similar - ST325

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Kyocera Kinseki Corpota...
ST3215SB KSS-ST3215SB Datasheet
105Kb / 1P
   3.2횞1.5mm for Consumer/ Mobile Equipment
ST3215SB32768C0HPWBB KSS-ST3215SB32768C0HPWBB Datasheet
47Kb / 1P
   3.2횞1.5mm for Consumer/ Mobile Equipment
ST3215SB32768E0HPWBB KSS-ST3215SB32768E0HPWBB Datasheet
47Kb / 1P
   3.2횞1.5mm for Consumer/ Mobile Equipment
logo
AVX Corporation
ST3215SB32768H5HPWAA AVX-ST3215SB32768H5HPWAA Datasheet
115Kb / 1P
   Surface Mount Type: Tuning Fork ST3215SB
logo
Kyocera Kinseki Corpota...
ST3215SB32768H5HPWAA KSS-ST3215SB32768H5HPWAA Datasheet
47Kb / 1P
   3.2횞1.5mm for Consumer/ Mobile Equipment
More results

Descripción similar - ST325

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
ST309 KODENSHI-ST309 Datasheet
79Kb / 2P
   PHOTO TRANSISTORS
ST23G KODENSHI-ST23G Datasheet
77Kb / 2P
   PHOTO TRANSISTORS
KDTD001 KODENSHI-KDTD001 Datasheet
146Kb / 2P
   Photo transistors
logo
List of Unclassifed Man...
OHT10CB ETC-OHT10CB Datasheet
134Kb / 2P
   Photo transistors
logo
KODENSHI_AUK CORP.
KST-312 KODENSHI-KST-312 Datasheet
228Kb / 2P
   Photo transistors
ST-1MLAR2 KODENSHI-ST-1MLAR2_09 Datasheet
190Kb / 2P
   Photo transistors
ST305 KODENSHI-ST305 Datasheet
281Kb / 2P
   Photo transistors
ST1KLA KODENSHI-ST1KLA Datasheet
13Kb / 2P
   Photo Transistors
ST-1CL3H KODENSHI-ST-1CL3H_08 Datasheet
155Kb / 2P
   Photo transistors
logo
Seoul Semiconductor
SST-4T5 SEOUL-SST-4T5 Datasheet
247Kb / 2P
   Photo Transistors
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com