Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BU7331EKN-E2 Datasheet(PDF) 1 Page - Rohm

No. de pieza BU7331EKN-E2
Descripción Electrónicos  3ch Programmable Clock Generator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ROHM [Rohm]
Página de inicio  http://www.rohm.com
Logo ROHM - Rohm

BU7331EKN-E2 Datasheet(HTML) 1 Page - Rohm

  BU7331EKN-E2 Datasheet HTML 1Page - Rohm BU7331EKN-E2 Datasheet HTML 2Page - Rohm BU7331EKN-E2 Datasheet HTML 3Page - Rohm BU7331EKN-E2 Datasheet HTML 4Page - Rohm BU7331EKN-E2 Datasheet HTML 5Page - Rohm BU7331EKN-E2 Datasheet HTML 6Page - Rohm BU7331EKN-E2 Datasheet HTML 7Page - Rohm BU7331EKN-E2 Datasheet HTML 8Page - Rohm BU7331EKN-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/20
www.rohm.com
2009.04 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
3ch Programmable Clock Generator
Generate
3 application clocks
BU7331EKN
●Description
The BU7331EKN integrates a 3ch PLL.The frequency of each PLL can be set via serial interface control, making it
compatible with a wide range of digital applications.
In addition, sudden frequency changes are handled via rewriting through the register, and BU7331EKN is suitable for sets
with different frequencies, resulting in more efficient parts management and shorter development time.
●Features
1) To generate clocks by connecting reference 5.0MHz ~ 48.0MHz.
2) 5.0MHz~75.0MHz output frequency range.
3) All settings and operation controlled via 2-wire serial interface
4) Individual level shifter attached to each output
5) HQFN20V package
●Application
General digital product of mobile phone, DSC, DVD-player etc.
●Absolute Maximum ratings (Ta=25℃)
Parameter
Symbol
Limits
Unit
Supply voltage (Core)
VDD_CORE
-0.2 ~ 2.2
V
Supply voltage (I/O)
VDD_IO
-0.2 ~ 4.0
V
Input Voltage
VIN
-0.2 ~ VDD+0.2
V
Storage Temperature range
Tstg
-55 ~ 125
Power dissipation
PD
599.8
*
1
mW
*
1
A measure value at mounting on 70 x 70 x 1.6mm glass epoxy substrate.
In the case of exceeding Ta=25℃, 6.0mW should be reduced per 1℃.
*
The radiation-resistance design is not carried out.
*
Operation is not guaranteed.
●Operating Conditions
Parameter
Symbol
Limits
Unit
Supply voltage (Core)
VDD_CORE
1.65 ~ 1.80 ~ 1.95
V
Supply voltage (VDD_CLK)
VDD_CLK
1.40 ~ 3.60
V
Supply voltage (VDD_SIF)
VDD_SIF
1.40 ~ 3.60 *
1
V
Input ”H” Voltage
VIH
0.8VDD ~ VDD
V
Input ”L” Voltage
VIL
0.0 ~ 0.2VDD
V
Operating Temperature
topr
-20 ~ 75
Input frequency ( xtal use ) *
2
Ref_xtal
5.0 ~ 27.0
MHz
Input frequency ( Not xtal use ) *
3
Ref_clk
5.0 ~ 48.0
MHz
5~48MHz Output Load1 (VDD_CLK=1.40~1.65V)
CL1
10 (MAX)
pF
5~48MHz Output Load 2 (VDD_CLK=1.65~3.60V)
CL2
15 (MAX)
pF
5~75MHz Output Load (VDD_CLK=2.70~3.60V)
CL3
15 (MAX)
pF
*1
When setting it as VDD_SIF=1.40V~1.45V, standby current may flow by VDD_CORE=1.90V~1.95V.
Use by VDD_CORE=1.80V is recommended.
*2
Need a resister for bias between 6PIN and 7PIN.
*3
The input amplitude level range is 0.6Vp-p ~ VDD_COREp-p.
Refer to application note about input form details.
No.09004EAT01


Número de pieza similar - BU7331EKN-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU7331EKN ROHM-BU7331EKN Datasheet
624Kb / 21P
   Generate 3 application clocks
More results

Descripción similar - BU7331EKN-E2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
BU2396KN ROHM-BU2396KN_15 Datasheet
1Mb / 24P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_08 Datasheet
683Kb / 17P
   3ch Clock Generator for Digital Cameras
BU2394KN ROHM-BU2394KN_15 Datasheet
1Mb / 25P
   3ch Clock Generator for Digital Cameras
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
   Programmable Clock Generator
logo
Integrated Device Techn...
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
   Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
   Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
   Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
   Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
   Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
   Programmable Clock Generator
October, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com