Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS2513DBVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS2513DBVR
Descripción Electrónicos  USB Dedicated Charging Port Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2513DBVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS2513DBVR Datasheet HTML 2Page - Texas Instruments TPS2513DBVR Datasheet HTML 3Page - Texas Instruments TPS2513DBVR Datasheet HTML 4Page - Texas Instruments TPS2513DBVR Datasheet HTML 5Page - Texas Instruments TPS2513DBVR Datasheet HTML 6Page - Texas Instruments TPS2513DBVR Datasheet HTML 7Page - Texas Instruments TPS2513DBVR Datasheet HTML 8Page - Texas Instruments TPS2513DBVR Datasheet HTML 9Page - Texas Instruments TPS2513DBVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
1.6
2
2.4
2.8
3.2
±40
±20
0
20
40
60
80
100
120
140
T
J Junction Temperature (ƒC)
DP1
DM1
C005
V
DP1
V
DM1
V
IN = 5 V
1.6
2
2.4
2.8
3.2
±40
±20
0
20
40
60
80
100
120
140
T
J Junction Temperature (ƒC)
DP1
DM1
C006
V
DP2
V
DM2
V
IN = 5 V
±1
0
1
2
3
4
5
6
±0.008
±0.006
±0.004
±0.002
0.000
0.002
0.004
Time (s)
VIN
DM2
DP2
C003
V
IN
DM2
DP2
±1
0
1
2
3
4
5
6
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
Time (s)
DVIN
DM1
DP1
C004
V
IN
DM2
DP2
±1
0
1
2
3
4
5
6
±0.008
±0.006
±0.004
±0.002
0.000
0.002
0.004
Time (s)
VIN
DM1
DP1
C001
V
IN
DM1
DP1
±1
0
1
2
3
4
5
6
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
Time (s)
DVIN
DM1
DP1
C002
V
IN
DM1
DP1
TPS2513
TPS2514
SLVSBY8A – MAY 2013 – REVISED MAY 2013
www.ti.com
TYPICAL CHARACTERISTICS
POWER ON (DM1 and DP1)
POWER OFF (DM1 and DP1)
Figure 1.
Figure 2.
POWER ON (DM2 and DP2)
POWER OFF (DM2 and DP2)
Figure 3.
Figure 4.
DP1 and DM1 OUTPUT VOLTAGE
DP2 and DM2 OUTPUT VOLTAGE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 5.
Figure 6.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS2513 TPS2514


Número de pieza similar - TPS2513DBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2513DBVR TI1-TPS2513DBVR Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
More results

Descripción similar - TPS2513DBVR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS2513 TI1-TPS2513_15 Datasheet
1Mb / 20P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1523 HMSEMI-HM1523 Datasheet
553Kb / 10P
   USB dedicated charging port controller
HM1521 HMSEMI-HM1521 Datasheet
483Kb / 11P
   USB dedicated charging port controller
logo
Diodes Incorporated
TPS2513A DIODES-TPS2513A Datasheet
1Mb / 20P
   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7104 UPI-UP7104 Datasheet
586Kb / 11P
   USB Dedicated Charging Port Controller
logo
Texas Instruments
TPS2513A-Q1 TI1-TPS2513A-Q1 Datasheet
1Mb / 22P
[Old version datasheet]   USB Dedicated Charging Port Controller
logo
uPI Group Inc.
UP7103 UPI-UP7103 Datasheet
86Kb / 9P
   USB Dedicated Charging Port Controller
UP7102 UPI-UP7102 Datasheet
97Kb / 9P
   USB Dedicated Charging Port Controller
logo
Shenzhen Huazhimei Semi...
HM1522 HMSEMI-HM1522 Datasheet
571Kb / 11P
   USB dedicated charging port controller
logo
SHANGHAI BELLING CO., L...
BL2513A BELLING-BL2513A Datasheet
524Kb / 12P
   USB dedicated charging port (DCP) controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com