Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LF253DT Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza LF253DT
Descripción Electrónicos  Wide bandwidth dual JFET operational amplifiers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF253DT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LF253DT Datasheet HTML 2Page - STMicroelectronics LF253DT Datasheet HTML 3Page - STMicroelectronics LF253DT Datasheet HTML 4Page - STMicroelectronics LF253DT Datasheet HTML 5Page - STMicroelectronics LF253DT Datasheet HTML 6Page - STMicroelectronics LF253DT Datasheet HTML 7Page - STMicroelectronics LF253DT Datasheet HTML 8Page - STMicroelectronics LF253DT Datasheet HTML 9Page - STMicroelectronics LF253DT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Electrical characteristics
LF253, LF353
6/15
Doc ID 2153 Rev 3
Figure 8.
Input bias current versus free air
temperature
Figure 9.
Large signal differential voltage
amplification versus free air temp.
V
CC = +/- 15 V
V
CC = +/- 15 V
V
O = +/- 10 V
R
L = 2 kΩ
Figure 10.
Large signal differential voltage
amplification and phase shift
versus frequency
Figure 11.
Total power dissipation versus free
air temperature
V
CC = +/- 15 V
R
L = 2 kΩ
T
amb = +125°C
C
L = 100 pF
Differential
voltage
amplification
(left scale)
Phase shift
(right scale)
V
CC = +/- 15 V
No signal
no load
Figure 12.
Supply current per amplifier versus
free air temperature
Figure 13.
Supply current per amplifier versus
supply voltage
V
CC = +/- 15 V
No signal
no load
T
amb = +25°C
No signal
no load


Número de pieza similar - LF253DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
LF253 STMICROELECTRONICS-LF253 Datasheet
99Kb / 9P
   WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
LF253 STMICROELECTRONICS-LF253 Datasheet
723Kb / 9P
   WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
More results

Descripción similar - LF253DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LF453 NSC-LF453 Datasheet
219Kb / 8P
   LF453 Wide-Bandwidth Dual JFET-Input Operational Amplifiers
logo
STMicroelectronics
LF351 STMICROELECTRONICS-LF351_08 Datasheet
622Kb / 14P
   Wide bandwidth single JFET operational amplifiers
logo
Texas Instruments
LF147 TI1-LF147 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
LF147 TI1-LF147_16 Datasheet
1Mb / 21P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
National Semiconductor ...
LF147 NSC-LF147 Datasheet
406Kb / 13P
   Wide Bandwidth Quad JFET Input Operational Amplifiers
logo
PROMAX-JOHNTON CORP
PJ4558 PROMAX-JOHNTON-PJ4558 Datasheet
430Kb / 5P
   Dual Wide Bandwidth Operational Amplifiers
2003/04.ver.B
logo
ON Semiconductor
MC4558V ONSEMI-MC4558V Datasheet
75Kb / 8P
   Dual Wide Bandwidth Operational Amplifiers
December, 2000 ??Rev. 0
logo
STMicroelectronics
MC4558 STMICROELECTRONICS-MC4558 Datasheet
78Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
TJM4558CD STMICROELECTRONICS-TJM4558CD Datasheet
292Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
MC4558 STMICROELECTRONICS-MC4558_05 Datasheet
417Kb / 10P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com