Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UA7908CKCSE3 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No. de pieza UA7908CKCSE3
Descripción Electrónicos  NEGATIVE-VOLTAGE REGULATORS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UA7908CKCSE3 Datasheet(HTML) 3 Page - Texas Instruments

  UA7908CKCSE3 Datasheet HTML 1Page - Texas Instruments UA7908CKCSE3 Datasheet HTML 2Page - Texas Instruments UA7908CKCSE3 Datasheet HTML 3Page - Texas Instruments UA7908CKCSE3 Datasheet HTML 4Page - Texas Instruments UA7908CKCSE3 Datasheet HTML 5Page - Texas Instruments UA7908CKCSE3 Datasheet HTML 6Page - Texas Instruments UA7908CKCSE3 Datasheet HTML 7Page - Texas Instruments UA7908CKCSE3 Datasheet HTML 8Page - Texas Instruments UA7908CKCSE3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.ti.com
uA7905 Electrical Characteristics
uA7908 Electrical Characteristics
µA7900 SERIES
NEGATIVE-VOLTAGE REGULATORS
SLVS058H – JUNE 1976 – REVISED NOVEMBER 2006
at specified virtual junction temperature, V
I = –10 V, IO = 500 mA (unless otherwise noted)
µA7905C
PARAMETER
TEST CONDITIONS
TJ(1)
UNIT
MIN
TYP
MAX
25
°C
–4.8
–5
–5.2
IO = 5 mA to 1 A, VI = –7 V to –20 V,
Output voltage(2)
V
PD ≤ 15 W
0
°C to 125°C
–4.75
–5.25
VI = –7 V to –25 V
12.5
50
Input regulation
mV
VI = –8 V to –12 V
4
15
Ripple rejection
VI = –8 V to –12 V, f = 120 Hz
0
°C to 125°C
54
60
dB
IO = 5 mA to 1.5 A
15
100
Output regulation
mV
IO = 250 mA to 750 mA
5
50
Temperature coefficient of output voltage
IO = 5 mA
0
°C to 125°C
–0.4
mV/
°C
Output noise voltage
f = 10 Hz to 100 kHz
25
°C
125
µV
Dropout voltage
IO = 1 A
25
°C
1.1
V
Bias current
25
°C
1.5
2
mA
VI = –7 V to –25 V
0.15
0.5
Bias current change
mA
IO = 5 mA to 1 A
0.08
0.5
Peak output current
25
°C
2.1
A
(1)
Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be
taken into account separately. All characteristics are measured with a 2-
µF capacitor across the input and a 1-µF capacitor across the
output.
(2)
This specification applies only for dc power dissipation permitted by absolute maximum ratings.
at specified virtual junction temperature, V
I = –14 V, IO = 500 mA (unless otherwise noted)
µA7908C
PARAMETER
TEST CONDITIONS
TJ(1)
UNIT
MIN
TYP
MAX
25
°C
–7.7
–8
–8.3
IO = 5 mA to 1 A,
Output voltage(2)
V
VI = –10.5 V to –23 V, PD ≤ 15 W
0
°C to 125°C
–7.6
–8.4
VI = –10.5 V to –25 V
12.5
160
Input regulation
mV
VI = –11 V to –17 V
4
80
Ripple rejection
VI = –11.5 V to –21.5 V, f = 120 Hz
0
°C to 125°C
54
60
dB
IO = 5 mA to 1.5 A
15
160
Output regulation
mV
IO = 250 mA to 750 mA
5
80
Temperature coefficient of output voltage
IO = 5 mA
0
°C to 125°C
–0.6
mV/
°C
Output noise voltage
f = 10 Hz to 100 kHz
25
°C
200
µV
Dropout voltage
IO = 1 A
25
°C
1.1
V
Bias current
25
°C
1.5
2
mA
VI = –10.5 V to –25 V
0.15
1
Bias current change
mA
IO = 5 mA to 1 A
0.08
0.5
Peak output current
25
°C
2.1
A
(1)
Pulse-testing techniques maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be
taken into account separately. All characteristics are measured with a 2-
µF capacitor across the input and a 1-µF capacitor across the
output.
(2)
This specification applies only for dc power dissipation permitted by absolute maximum ratings.
3
Submit Documentation Feedback


Número de pieza similar - UA7908CKCSE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UA7908CKCSE3 TI1-UA7908CKCSE3 Datasheet
986Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7908CKCSE3 TI1-UA7908CKCSE3 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
More results

Descripción similar - UA7908CKCSE3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Wing Shing Computer Com...
79L12 WINGS-79L12 Datasheet
130Kb / 3P
   Negative-Voltage Regulators
logo
Texas Instruments
UA79M05 TI1-UA79M05 Datasheet
675Kb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L7912CV-DG STMICROELECTRONICS-L7912CV-DG Datasheet
465Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M08 TI1-UA79M08 Datasheet
1Mb / 16P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79XXC STMICROELECTRONICS-L79XXC Datasheet
824Kb / 24P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI-UA79M00 Datasheet
312Kb / 4P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L79L05ACZ-TR STMICROELECTRONICS-L79L05ACZ-TR Datasheet
717Kb / 27P
   Negative voltage regulators
logo
Texas Instruments
UA79M00 TI1-UA79M00_17 Datasheet
1Mb / 15P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
UA7900 TI1-UA7900_17 Datasheet
878Kb / 13P
[Old version datasheet]   NEGATIVE-VOLTAGE REGULATORS
logo
Estek Electronics Co. L...
ET-79LXXND ESTEK-ET-79LXXND Datasheet
1Mb / 5P
   Negative-Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com