Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UA78L08CLP Datasheet(PDF) 4 Page - Texas Instruments |
|
UA78L08CLP Datasheet(HTML) 4 Page - Texas Instruments |
4 / 28 page µA78L00 SERIES POSITIVE-VOLTAGE REGULATORS SLVS010S − JANUARY 1976 − REVISED FEBRUARY 2004 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 absolute maximum ratings over virtual junction temperature range (unless otherwise noted)† Input voltage, VI: µA78L02AC, µA78L05C−µA78L09C, µA78L10AC 30 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . µA78L12C, µA78L12AC, µA78L15C, µA78L15AC 35 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Virtual junction temperature, TJ 150 °C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. package thermal data (see Note 1) PACKAGE BOARD θJC θJA SOIC (D) High K, JESD 51-7 39 °C/W 97 °C/W TO-92/TO-226AA (LP) High K, JESD 51-7 55 °C/W 140 °C/W SOT-89 (PK) High K, JESD 51-7 9 °C/W 52 °C/W NOTE 1: Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) − TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability. Due to variations in individual device electrical characteristics and thermal resistance, the built-in thermal-overload protection may be activated at power levels slightly above or below the rated dissipation. recommended operating conditions MIN MAX UNIT µA78L02AC 4.75 20 µA78L05C, µA78L05AC 7 20 µA78L06C, µA78L06AC 8.5 20 V Input voltage µA78L08C, µA78L08AC 10.5 23 V VI Input voltage µA78L09C, µA78L09AC 11.5 24 V µA78L10AC 12.5 25 µA78L12C, µA78L12AC 14.5 27 µA78L15C, µA78L15AC 17.5 30 IO Output current 100 mA T Operating virtual junction temperature range µA78LxxC and µA78LxxAC series 0 125 °C TJ Operating virtual junction temperature range µA78L05AI −40 125 °C |
Número de pieza similar - UA78L08CLP |
|
Descripción similar - UA78L08CLP |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |