Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KA1M0565RYDTU Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza KA1M0565RYDTU
Descripción Electrónicos  Fairchild Power Switch(FPS)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA1M0565RYDTU Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KA1M0565RYDTU Datasheet HTML 1Page - Fairchild Semiconductor KA1M0565RYDTU Datasheet HTML 2Page - Fairchild Semiconductor KA1M0565RYDTU Datasheet HTML 3Page - Fairchild Semiconductor KA1M0565RYDTU Datasheet HTML 4Page - Fairchild Semiconductor KA1M0565RYDTU Datasheet HTML 5Page - Fairchild Semiconductor KA1M0565RYDTU Datasheet HTML 6Page - Fairchild Semiconductor KA1M0565RYDTU Datasheet HTML 7Page - Fairchild Semiconductor KA1M0565RYDTU Datasheet HTML 8Page - Fairchild Semiconductor KA1M0565RYDTU Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
©2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev.1.0.2
Features
• Precision fixed operating frequency
• KA1M0565R (67KHz),KA1H0565R (100KHz)
• Pulse by pulse over current limiting
• Over load protection
• Over voltage protection (Min. 23V)
• Internal thermal shutdown function
• Under voltage lockout
• Internal high voltage sense FET
•Auto restart
Description
The Fairchild Power Switch(FPS) product family is specially
designed for an off-line SMPS with minimal external
components. The Fairchild Power Switch(FPS) consist of
high voltage power SenseFET and current mode PWM
controller IC. PWM controller features integrated fixed
oscillator, under voltage lock out, leading edge blanking,
optimized gate turn-on/turn-off driver, thermal shut down
protection, over voltage protection, temperature compensated
precision current sources for loop compensation and fault
protection circuit. compared to discrete MOSFET and
controller or RCC switching converter solution, a Fairchild
Power Switch(FPS) can reduce total component count,
design size, weight and at the same time increase &
efficiency, productivity, and system reliability. It has a basic
platform well suited for cost effective design in either a
flyback converter or a forward converter.
TO-220F-4L
1. GND 2. DRAIN 3. VCC 4. FB
1
Internal Block Diagram
#3 VCC
32V
5
µA
9V
2.5R
1R
1mA
0.1V
+
OVER VOLTAGE S/D
+
7.5V
25V
Thermal S/D
S
R
Q
Power on reset
+
L.E.B
S
R
Q
OSC
5V
Vref
Internal
bias
Good
logic
SFET
#2 DRAIN
#1 GND
#4 FB
KA1M0565R/KA1H0565R
Fairchild Power Switch(FPS)


Número de pieza similar - KA1M0565RYDTU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA1M0565R FAIRCHILD-KA1M0565R Datasheet
87Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0565R-TU FAIRCHILD-KA1M0565R-TU Datasheet
87Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0565R-TU FAIRCHILD-KA1M0565R-TU Datasheet
94Kb / 10P
   Precision fixed operating frequency, Internal thermal shutdown function
KA1M0565R-YDTU FAIRCHILD-KA1M0565R-YDTU Datasheet
87Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0565R-YDTU FAIRCHILD-KA1M0565R-YDTU Datasheet
94Kb / 10P
   Precision fixed operating frequency, Internal thermal shutdown function
More results

Descripción similar - KA1M0565RYDTU

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
KA1M0265R FAIRCHILD-KA1M0265R Datasheet
89Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0680B FAIRCHILD-KA1M0680B Datasheet
144Kb / 12P
   Fairchild Power Switch(FPS)
KA5X0165RXX FAIRCHILD-KA5X0165RXX Datasheet
102Kb / 12P
   Fairchild Power Switch(FPS)
FS6X1220R FAIRCHILD-FS6X1220R Datasheet
471Kb / 16P
   Fairchild Power Switch (FPS)
FS6S0965RCB FAIRCHILD-FS6S0965RCB Datasheet
572Kb / 10P
   Fairchild Power Switch(FPS)
KA1M0880BF FAIRCHILD-KA1M0880BF Datasheet
95Kb / 10P
   Fairchild Power Switch(FPS)
KA5Q0740RT FAIRCHILD-KA5Q0740RT_04 Datasheet
292Kb / 12P
   Fairchild Power Switch(FPS)
FS8S0765RCB FAIRCHILD-FS8S0765RCB_06 Datasheet
1Mb / 19P
   Fairchild Power Switch (FPS??
FS6X0420R FAIRCHILD-FS6X0420R Datasheet
732Kb / 15P
   Fairchild Power Switch (FPS)
KA5M0965Q FAIRCHILD-KA5M0965Q_03 Datasheet
729Kb / 12P
   Fairchild Power Switch(FPS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com