Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC3572DTR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No. de pieza UC3572DTR
Descripción Electrónicos  Negative Output Flyback Pulse Width Modulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UC3572DTR Datasheet(HTML) 2 Page - Texas Instruments

  UC3572DTR Datasheet HTML 1Page - Texas Instruments UC3572DTR Datasheet HTML 2Page - Texas Instruments UC3572DTR Datasheet HTML 3Page - Texas Instruments UC3572DTR Datasheet HTML 4Page - Texas Instruments UC3572DTR Datasheet HTML 5Page - Texas Instruments UC3572DTR Datasheet HTML 6Page - Texas Instruments UC3572DTR Datasheet HTML 7Page - Texas Instruments UC3572DTR Datasheet HTML 8Page - Texas Instruments UC3572DTR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
UC1572
UC2572
UC3572
ABSOLUTE MAXIMUM RATINGS
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35V
EAINV . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.6V to VCC
IEAOUT . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25mA
RAMP. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 4V
CS . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VCC
Iout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.7A to 0.7A
I3VREF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -15mA
Storage Temperature . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . +300°C
Currents are positive into, negative out of the specified
terminal. Consult Packaging Section of Databook for thermal
limitations and considerations of packages.
DIL-8, SOIC-8 (TOP VIEW)
D, N or J Packages
CONNECTION DIAGRAM
TEMPERATURE RANGE
PACKAGE
UC1572
–55°C to +125°C
J
UC2572
–40°C to +85°C
D, N or J
UC3572
0°C to +70°C
D or N
ORDERING INFORMATION
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, VCC = 5V, CT = 680pF, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Reference Section
3VREF
2.94
3
3.06
V
Line Regulation
VCC = 4.75 to 30V
1
10
mV
Load Regulation
I3VREF = 0V to –5mA
1
10
mV
Oscillator Section
Frequency
VCC = 5V to 30V
85
100
115
kHz
Error Amp Section
EAINV
EAOUT = 2V
–10
0
10
mV
IEANV = –1mA
–0.2
–0.9
V
IEAINV
EAOUT = 2V
–0.2
–1.0
A
AVOL
EAOUT = 0.5V to 3V
65
90
dB
EAOUT High
EAINV = –100mV
3.6
4
4.4
V
EAOUT Low
EAINV = 100mV
0.1
0.2
V
IEAOUT
EAINV = –100mV, EAOUT = 2V
–350
–500
µA
EAINV = 100mV, EAOUT = 2V
7
20
mA
Unity Gain Bandwidth
TJ = 25°C, F = 10kHz
0.6
1
MHz
Current Sense Comparator Section
Threshold
0.185
0.205
0.225
V
Input Bias Current
CS = 0
–0.4
–1
µA
CS Propogation Delay
300
nS


Número de pieza similar - UC3572DTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC3572 TI-UC3572 Datasheet
129Kb / 5P
[Old version datasheet]   Negative Output Flyback Pulse Width Modulator
More results

Descripción similar - UC3572DTR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC1572 TI-UC1572 Datasheet
129Kb / 5P
[Old version datasheet]   Negative Output Flyback Pulse Width Modulator
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
   Pulse Width Modulator
REV. 0
logo
National Semiconductor ...
LM1525A NSC-LM1525A Datasheet
290Kb / 10P
   PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561_15 Datasheet
2Mb / 8P
   Pulse Width Modulator
REV. 0
logo
Siemens Semiconductor G...
SLE4520 SIEMENS-SLE4520 Datasheet
468Kb / 11P
   Pulse-Width Modulator
logo
Seme LAB
IP1526 SEME-LAB-IP1526 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATOR
logo
Microsemi Corporation
SG1525A MICROSEMI-SG1525A Datasheet
135Kb / 7P
   REGULATING PULSE WIDTH MODULATOR
SG1526 MICROSEMI-SG1526_1 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
Linear Technology
LT1526 LINER-LT1526_15 Datasheet
926Kb / 8P
   REGULATING PULSE WIDTH MODULATOR
logo
Texas Instruments
LM2524D TI-LM2524D_15 Datasheet
1Mb / 29P
[Old version datasheet]   Regulating Pulse Width Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com