Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UC28025NG4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza UC28025NG4
Descripción Electrónicos  ECONOMY HIGH-SPEED PWM CONTROLLER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

UC28025NG4 Datasheet(HTML) 5 Page - Texas Instruments

  UC28025NG4 Datasheet HTML 1Page - Texas Instruments UC28025NG4 Datasheet HTML 2Page - Texas Instruments UC28025NG4 Datasheet HTML 3Page - Texas Instruments UC28025NG4 Datasheet HTML 4Page - Texas Instruments UC28025NG4 Datasheet HTML 5Page - Texas Instruments UC28025NG4 Datasheet HTML 6Page - Texas Instruments UC28025NG4 Datasheet HTML 7Page - Texas Instruments UC28025NG4 Datasheet HTML 8Page - Texas Instruments UC28025NG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
UC28023
UC28025
SLUS557F -- MARCH 2003 -- REVISED AUGUST 2010
5
www.ti.com
ELECTRICAL CHARACTERISTICS
TA =--40°C to 105°C,TJ =TA, RT =3.65kΩ,CT =1nF,VCC = 15 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SOFT-START
ICHG
Charge current
VSS =0.5 V
3
9
20
μA
IDISCHG
Discharge current
VSS =1.0 V
1.0
7.5
mA
CURRENT LIMIT/SHUTDOWN
ILIMIT
Current limit bias current
0V<V(ILIM/SD) <4V
±10
μA
ILIMIT
Offset voltage
UC28023
15
mV
ILIMREF
Common mode range(1)
UC28023
1.00
1.25
Current limit threshold voltage
UC28025
0.9
1.0
1.1
V
Shutdown threshold voltage
1.25
1.40
1.55
V
tDELAY
Delay to output time(1)
50
80
ns
OUTPUT
V
Low level output voltage
IOUT =20 mA
0.25
0.40
VOL
Low-level output voltage
IOUT = 200 mA
1.2
2.2
V
V
High level output voltage
IOUT =--20 mA
13.0
13.5
V
VOH
High-level output voltage
IOUT = --200 mA
12
13
Collector leakage
VC =30 V
100
500
μA
Rise time / Fall time(1)
CLOAD =1 nF
30
60
ns
UNDERVOLTAGE LOCKOUT (UVLO)
Start threshold voltage
8.8
9.2
9.6
V
Hysteresis
0.4
0.8
1.2
V
SUPPLY CURRENT
Start-up current
VCC =8 V
1.1
2.0
mA
ICC
Operating current
VINV =VRAMP =VILIM =0 V VINV =1 V
25
35
mA
(1) Ensured by design. Not production tested.
THERMAL RESISTANCE
PACKAGE
θJA (°C/W)
θJC (°C/W)
N(2)
90(2)
45
DW(2)
50--100(2)
27
(2) Specified θJA (junction-to-ambient) is for devices mountied to 5-square-inch FR4 PC board with one ounce copper
where noted. When resistance range is given, lower values are for 5-square-inch aluminum PC board. Test PWB is 0.062
inches thick and typically uses 0.635 mm trace width for power packages and 1.3 mm trace widths for non-power
packages with a 100x100 mil probe land area at the end of each trace.


Número de pieza similar - UC28025NG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC28025N TI-UC28025N Datasheet
394Kb / 18P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
More results

Descripción similar - UC28025NG4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
UC28023 TI-UC28023 Datasheet
394Kb / 18P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC28023 TI-UC28023_15 Datasheet
289Kb / 19P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com