Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS6612A Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FDS6612A
Descripción Electrónicos  Single N-Channel, Logic Level, PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6612A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS6612A Datasheet HTML 1Page - Fairchild Semiconductor FDS6612A Datasheet HTML 2Page - Fairchild Semiconductor FDS6612A Datasheet HTML 3Page - Fairchild Semiconductor FDS6612A Datasheet HTML 4Page - Fairchild Semiconductor FDS6612A Datasheet HTML 5Page - Fairchild Semiconductor FDS6612A Datasheet HTML 6Page - Fairchild Semiconductor FDS6612A Datasheet HTML 7Page - Fairchild Semiconductor FDS6612A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
July 1998
FDS6612A
Single N-Channel, Logic Level, PowerTrench
TM MOSFET
General Description
Features
Absolute Maximum Ratings T
A = 25
oC unless otherwise noted
Symbol
Parameter
FDS6612A
Units
V
DSS
Drain-Source Voltage
30
V
V
GSS
Gate-Source Voltage
±20
V
I
D
Drain Current - Continuous
(Note 1a)
8.4
A
- Pulsed
40
P
D
Power Dissipation for Single Operation
(Note 1a)
2.5
W
(Note 1b)
1.2
(Note 1c)
1
T
J,TSTG
Operating and Storage Temperature Range
-55 to 150
°C
THERMAL CHARACTERISTICS
RθJA
Thermal Resistance, Junction-to-Ambient (Note 1a)
50
°C/W
RθJC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
FDS6612A Rev.C1
8.4 A, 30 V.
R
DS(ON) = 0.022
@ V
GS = 10 V,
R
DS(ON) = 0.030
@ V
GS = 4.5 V.
Fast switching speed.
Low gate charge.
High performance trench technology for extremely low
R
DS(ON).
High power and current handling capability.
SOT-23
SuperSOT
TM-8
SOIC-16
SO-8
SOT-223
SuperSOT
TM-6
This N-Channel
Logic
Level MOSFET is produced
using Fairchild Semiconductor's advanced PowerTrench
process that has been especially tailored to minimize
the on-state resistance and yet maintain superior
switching performance.
These devices are well suited for low voltage and battery
powered applications where low in-line power loss and
fast switching are required.
1
6
7
8
2
4
3
5
S
D
S
S
SO-8
D
D
D
G
pin 1
FDS
6612A
© 1998 Fairchild Semiconductor Corporation


Número de pieza similar - FDS6612A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
FDS6612A MICROSEMI-FDS6612A Datasheet
339Kb / 18P
   EVALUATION KIT
logo
Fairchild Semiconductor
FDS6612A FAIRCHILD-FDS6612A Datasheet
164Kb / 7P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDS6612A UMW-FDS6612A Datasheet
479Kb / 7P
   30V N-Channel MOSFET
logo
VBsemi Electronics Co.,...
FDS6612A-NL VBSEMI-FDS6612A-NL Datasheet
1,008Kb / 9P
   N-Channel 20V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS6612A FAIRCHILD-FDS6612A_03 Datasheet
164Kb / 7P
   Single N-Channel, Logic-Level, PowerTrench MOSFET
More results

Descripción similar - FDS6612A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDC655AN FAIRCHILD-FDC655AN Datasheet
198Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDR4420A FAIRCHILD-FDR4420A Datasheet
224Kb / 4P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6670A FAIRCHILD-FDS6670A Datasheet
242Kb / 8P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6690A FAIRCHILD-FDS6690A Datasheet
457Kb / 6P
   Single N-Channel, Logic Level, PowerTrenchTM MOSFET
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com