Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1047 Datasheet(PDF) 4 Page - Microchip Technology

No. de pieza TC1047
Descripción Electrónicos  Precision Temperature-to-Voltage Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1047 Datasheet(HTML) 4 Page - Microchip Technology

  TC1047_13 Datasheet HTML 1Page - Microchip Technology TC1047_13 Datasheet HTML 2Page - Microchip Technology TC1047_13 Datasheet HTML 3Page - Microchip Technology TC1047_13 Datasheet HTML 4Page - Microchip Technology TC1047_13 Datasheet HTML 5Page - Microchip Technology TC1047_13 Datasheet HTML 6Page - Microchip Technology TC1047_13 Datasheet HTML 7Page - Microchip Technology TC1047_13 Datasheet HTML 8Page - Microchip Technology TC1047_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC1047/TC1047A
DS21498D-page 4
 2001-2012 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
4.0
DETAILED DESCRIPTION
The TC1047 and TC1047A have an output voltage that
varies linearly with temperature in degrees Celsius.
Figure 4-1 shows a plot of the output voltage versus
temperature for the TC1047 and TC1047A. The
temperature slope is fixed at 10 mV/°C and the output
voltage at 0°C is 500 mV.
FIGURE 4-1:
Output Voltage vs. Temperature.
Pin No.
Symbol
Description
1VDD
Input Supply Voltage
2VOUT
Temperature Sensor Output Terminal
3VSS
Ground Terminal
1.75
1.7
1.5
1.3
1.1
0.9
0.7
0.5
0.3
0.1
–40 –30 –20 –10 0
10
20
30
40
50
60
70 80
90 100 110 120
125
Temperature (
°C)
VOUT = (10 mV/°C) (Temperature °C) + 500 mV


Número de pieza similar - TC1047_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1047A MICROCHIP-TC1047A Datasheet
410Kb / 12P
   Precision Temperature-to-Voltage Converter
2002
TC1047A MICROCHIP-TC1047A Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC1047A MICROCHIP-TC1047A Datasheet
140Kb / 12P
   Precision Temperature-to-Voltage Converter
04/20/05
TC1047A MICROCHIP-TC1047A Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
TC1047AVNB MICROCHIP-TC1047AVNB Datasheet
410Kb / 12P
   Precision Temperature-to-Voltage Converter
2002
More results

Descripción similar - TC1047_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
   Precision Temperature-to-Voltage Converter
2006
TC1047AVNBTR MICROCHIP-TC1047AVNBTR Datasheet
168Kb / 12P
   Precision Temperature-to-Voltage Converter
11/29/12
TC1047VNBTR MICROCHIP-TC1047VNBTR Datasheet
140Kb / 12P
   Precision Temperature-to-Voltage Converter
04/20/05
TC1047 MICROCHIP-TC1047 Datasheet
410Kb / 12P
   Precision Temperature-to-Voltage Converter
2002
logo
ON Semiconductor
NCT47 ONSEMI-NCT47 Datasheet
66Kb / 4P
   High Precision Temperature-to-Voltage Converter
May, 2000 ??Rev. 0
logo
Microchip Technology
TC1046 MICROCHIP-TC1046_13 Datasheet
159Kb / 12P
   High Precision Temperature-to-Voltage Converter
11/29/12
TC1046 MICROCHIP-TC1046 Datasheet
405Kb / 10P
   High Precision Temperature-to-Voltage Converter
2002
logo
TelCom Semiconductor, I...
TC02 TELCOM-TC02 Datasheet
149Kb / 7P
   PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
logo
Burr-Brown (TI)
XTR111 BURR-BROWN-XTR111 Datasheet
284Kb / 22P
   Precision Voltage-to-Current Converter/Transmitter
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
   PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com