Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1047 Datasheet(PDF) 5 Page - Microchip Technology |
|
TC1047 Datasheet(HTML) 5 Page - Microchip Technology |
5 / 12 page 2001-2012 Microchip Technology Inc. DS21498D-page 5 TC1047/TC1047A 5.0 PACKAGE INFORMATION 5.1 Package Marking Information 1 & 2 = part number code + temperature range and voltage 3 = year and quarter code 4 = lot ID number Part Number Code TC1047 AL TC1047A BL 3-Pin SOT-23B Legend: XX...X Customer-specific information* Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available characters for customer-specific information. 3 e 3 e |
Número de pieza similar - TC1047_13 |
|
Descripción similar - TC1047_13 |