Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1410N Datasheet(PDF) 3 Page - Microchip Technology

No. de pieza TC1410N
Descripción Electrónicos  0.5A High-Speed MOSFET Drivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1410N Datasheet(HTML) 3 Page - Microchip Technology

  TC1410N Datasheet HTML 1Page - Microchip Technology TC1410N Datasheet HTML 2Page - Microchip Technology TC1410N Datasheet HTML 3Page - Microchip Technology TC1410N Datasheet HTML 4Page - Microchip Technology TC1410N Datasheet HTML 5Page - Microchip Technology TC1410N Datasheet HTML 6Page - Microchip Technology TC1410N Datasheet HTML 7Page - Microchip Technology TC1410N Datasheet HTML 8Page - Microchip Technology TC1410N Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
 2001-2013 Microchip Technology Inc.
DS20001389E-page 3
TC1410/TC1410N
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage ..................................................... +20V
Input Voltage ...................... VDD + 0.3V to GND – 5.0V
Power Dissipation (TA ≤ 70°C)
MSOP .......................................................... 340 mW
PDIP ............................................................ 730 mW
SOIC............................................................ 470 mW
Storage Temperature Range .............. -65°C to +150°C
Maximum Junction Temperature ...................... +150°C
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
DC ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, over the operating temperature range with 4.5V
≤ VDD ≤ 16V.
Typical values are measured at TA =+25°C, VDD = 16V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.0
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
-1
1
µA
0V
≤ VIN ≤ VDD, TA =+25°C
-10
10
-40°C
≤ TA ≤ +85°C
Output
High Output Voltage
VOH
VDD – 0.025
V
DC Test
Low Output Voltage
VOL
0.025
V
DC Test
Output Resistance
RO
—16
22
Ω
VDD =16V, IO =10mA,
TA =+25°C
—20
28
0°C
≤ TA ≤ +70°C
20
28
-40°C
≤ TA ≤ +85°C
Peak Output Current
IPK
—0.5
A
VDD =16V
Latch-Up Protection
Withstand Reverse Current
IREV
0.5
A
Duty cycle
≤ 2%, t ≤ 300 µs,
VDD =16V
Switching Time (Note 1)
Rise Time
tR
—25
35
ns
TA =+25°C
—27
40
0°C
≤ TA ≤ +70°C
29
40
-40°C
≤ TA ≤ +85°C, Figure 4-1
Fall Time
tF
—25
35
ns
TA =+25°C
—27
40
0°C
≤ TA ≤ +70°C
29
40
-40°C
≤ TA ≤ +85°C, Figure 4-1
Delay Time
tD1
—30
40
ns
TA =+25°C
—33
45
0°C
≤ TA ≤ +70°C
35
45
-40°C
≤ TA ≤ +85°C, Figure 4-1
Delay Time
tD2
—30
40
ns
TA =+25°C
—33
45
0°C
≤ TA ≤ +70°C
35
45
-40°C
≤ TA ≤ +85°C, Figure 4-1
Note 1:
Switching times ensured by design.


Número de pieza similar - TC1410N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TelCom Semiconductor, I...
TC1410N TELCOM-TC1410N Datasheet
65Kb / 5P
   0.5A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1410N MICROCHIP-TC1410N Datasheet
311Kb / 16P
   0.5A High-Speed MOSFET Drivers
2003
TC1410N MICROCHIP-TC1410N Datasheet
266Kb / 18P
   0.5A High-Speed MOSFET Drivers
11/27/12
logo
TelCom Semiconductor, I...
TC1410NCOA TELCOM-TC1410NCOA Datasheet
65Kb / 5P
   0.5A HIGH-SPEED MOSFET DRIVERS
TC1410NCPA TELCOM-TC1410NCPA Datasheet
65Kb / 5P
   0.5A HIGH-SPEED MOSFET DRIVERS
More results

Descripción similar - TC1410N

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1410 MICROCHIP-TC1410 Datasheet
311Kb / 16P
   0.5A High-Speed MOSFET Drivers
2003
logo
TelCom Semiconductor, I...
TC1410 TELCOM-TC1410 Datasheet
65Kb / 5P
   0.5A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1410EUA MICROCHIP-TC1410EUA Datasheet
266Kb / 18P
   0.5A High-Speed MOSFET Drivers
11/27/12
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
CLM4420 CALOGIC-CLM4420 Datasheet
77Kb / 6P
   High Speed MOSFET Drivers
logo
Texas Instruments
TPS2811 TI-TPS2811 Datasheet
663Kb / 31P
[Old version datasheet]   DUAL HIGH-SPEED MOSFET DRIVERS
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
   6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
logo
ON Semiconductor
MC34152 ONSEMI-MC34152 Datasheet
151Kb / 12P
   HIGH SPEED DUAL MOSFET DRIVERS
October, 2004 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com