Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS6875 Datasheet(PDF) 6 Page - Fairchild Semiconductor

No. de pieza FDS6875
Descripción Electrónicos  Dual P-Channel 2.5V Specified PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6875 Datasheet(HTML) 6 Page - Fairchild Semiconductor

  FDS6875 Datasheet HTML 1Page - Fairchild Semiconductor FDS6875 Datasheet HTML 2Page - Fairchild Semiconductor FDS6875 Datasheet HTML 3Page - Fairchild Semiconductor FDS6875 Datasheet HTML 4Page - Fairchild Semiconductor FDS6875 Datasheet HTML 5Page - Fairchild Semiconductor FDS6875 Datasheet HTML 6Page - Fairchild Semiconductor FDS6875 Datasheet HTML 7Page - Fairchild Semiconductor FDS6875 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
© 1998 Fairchild Semiconductor Corporation
Dimensions are in millimeter
Pkg type
A0
B0
W
D0
D1
E1
E2
F
P1
P0
K0
T
Wc
Tc
SOIC(8lds)
(12mm)
6.50
+/-0.10
5.30
+/-0.10
12.0
+/-0.3
1.55
+/-0.05
1.60
+/-0.10
1.75
+/-0.10
10.25
min
5.50
+/-0.05
8.0
+/-0.1
4.0
+/-0.1
2.1
+/-0.10
0.450
+/-
0.150
9.2
+/-0.3
0.06
+/-0.02
P1
A0
D1
P0
F
W
E1
D0
E2
B0
Tc
Wc
K0
T
Dimensions are in inches and millimeters
Tape Size
Reel
Option
Dim A
Dim B
Dim C
Dim D
Dim N
Dim W1
Dim W2
Dim W3 (LSL-USL)
12mm
7" Dia
7.00
177.8
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
2.165
55
0.488 +0.078/-0.000
12.4 +2/0
0.724
18.4
0.469 – 0.606
11.9 – 15.4
12mm
13" Dia
13.00
330
0.059
1.5
512 +0.020/-0.008
13 +0.5/-0.2
0.795
20.2
7.00
178
0.488 +0.078/-0.000
12.4 +2/0
0.724
18.4
0.469 – 0.606
11.9 – 15.4
See detail AA
Dim A
max
13" Diameter Option
7" Diameter Option
Dim A
Max
See detail AA
W3
W2 max Measured at Hub
W1 Measured at Hub
Dim N
Dim D
min
Dim C
B Min
DETAIL AA
Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481
rotational and lateral movement requirements (see sketches A, B, and C).
20 deg maximum component rotation
0.5mm
maximum
0.5mm
maximum
Sketch C (Top View)
Component lateral movement
Typical
component
cavity
center line
20 deg maximum
Typical
component
center line
B0
A0
Sketch B (Top View)
Component Rotation
Sketch A (Side or Front Sectional View)
Component Rotation
User Direction of Feed
SOIC(8lds) Embossed Carrier Tape
Configuration: Figure 3.0
SOIC(8lds) Reel Configuration: Figure 4.0
SO-8 Tape and Reel Data and Package Dimensions, continued
July 1999, Rev. B


Número de pieza similar - FDS6875

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
VBsemi Electronics Co.,...
FDS6875-NL VBSEMI-FDS6875-NL Datasheet
1Mb / 9P
   Dual P-Channel 30-V (D-S) MOSFET
More results

Descripción similar - FDS6875

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC6327C FAIRCHILD-FDC6327C Datasheet
323Kb / 12P
   Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6576 FAIRCHILD-FDS6576 Datasheet
607Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
USB10P FAIRCHILD-USB10P Datasheet
279Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDR838P FAIRCHILD-FDR838P Datasheet
204Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ2552P FAIRCHILD-FDZ2552P Datasheet
52Kb / 4P
   Dual P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDN336P FAIRCHILD-FDN336P Datasheet
64Kb / 5P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDS6375 FAIRCHILD-FDS6375 Datasheet
194Kb / 8P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ202P FAIRCHILD-FDZ202P Datasheet
35Kb / 4P
   P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com