Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC4421A Datasheet(PDF) 9 Page - Microchip Technology

No. de pieza TC4421A
Descripción Electrónicos  9A High-Speed MOSFET Drivers
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4421A Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC4421A_13 Datasheet HTML 5Page - Microchip Technology TC4421A_13 Datasheet HTML 6Page - Microchip Technology TC4421A_13 Datasheet HTML 7Page - Microchip Technology TC4421A_13 Datasheet HTML 8Page - Microchip Technology TC4421A_13 Datasheet HTML 9Page - Microchip Technology TC4421A_13 Datasheet HTML 10Page - Microchip Technology TC4421A_13 Datasheet HTML 11Page - Microchip Technology TC4421A_13 Datasheet HTML 12Page - Microchip Technology TC4421A_13 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
 2005-2013 Microchip Technology Inc.
DS21946B-page 9
TC4421A/TC4422A
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Supply Input (VDD)
The VDD input is the bias supply for the MOSFET driver
and is rated for 4.5V to 18V with respect to the ground
pin. The VDD input should be bypassed to ground with
a local ceramic capacitor. The value of the capacitor
should be chosen based on the capacitive load that is
being driven. A minimum value of 1.0 µF is suggested.
3.2
Control Input
The MOSFET driver input is a high-impedance,
TTL/CMOS-compatible input. The input also has
300 mV of hysteresis between the high and low
thresholds that prevents output glitching even when the
rise and fall time of the input signal is very slow.
3.3
CMOS Push-Pull Output
The MOSFET driver output is a low-impedance,
CMOS, push-pull style output capable of driving a
capacitive load with 9.0A peak currents. The MOSFET
driver output is capable of withstanding 1.5A peak
reverse currents of either polarity.
3.4
Ground
The ground pins are the return path for the bias current
and for the high peak currents that discharge the load
capacitor. The ground pins should be tied into a ground
plane or have very short traces to the bias supply
source return.
3.5
Exposed Metal Pad
The exposed metal pad of the 6x5 DFN package is not
internally connected to any potential. Therefore, this
pad can be connected to a ground plane or other
copper plane on a Printed Circuit Board (PCB) to aid in
heat removal from the package.
3.6
Metal Tab
The metal tab of the TO-220 package is connected to
the VDD potential of the device. This connection to VDD
can be used as a current carrying path for the device.
Pin No.
8-Pin PDIP,
SOIC
Pin No.
8-Pin DFN
Pin No.
5-Pin TO-220
Symbol
Description
11
VDD
Supply input, 4.5V to 18V
2
2
1
INPUT
Control input, TTL/CMOS-compatible input
3
3
NC
No connection
4
4
2
GND
Ground
5
5
4
GND
Ground
6
6
5
OUTPUT
CMOS push-pull output
7
7
OUTPUT
CMOS push-pull output
88
3
VDD
Supply input, 4.5V to 18V
—PAD
NC
Exposed metal pad
——
TAB
VDD
Metal tab is at the VDD potential


Número de pieza similar - TC4421A_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC4421AVAT MICROCHIP-TC4421AVAT Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421AVMF MICROCHIP-TC4421AVMF Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421AVMF713 MICROCHIP-TC4421AVMF713 Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421AVOA MICROCHIP-TC4421AVOA Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421AVOA713 MICROCHIP-TC4421AVOA713 Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
More results

Descripción similar - TC4421A_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TelCom Semiconductor, I...
TC4421 TELCOM-TC4421 Datasheet
78Kb / 6P
   9A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4421 MICROCHIP-TC4421 Datasheet
458Kb / 14P
   9A High-Speed MOSFET Drivers
2002
TC4421 MICROCHIP-TC4421_13 Datasheet
373Kb / 20P
   9A High-Speed MOSFET Drivers
11/27/12
TC4421M MICROCHIP-TC4421M Datasheet
225Kb / 18P
   9A High-Speed MOSFET Drivers
2005
TC4421A MICROCHIP-TC4421A Datasheet
374Kb / 22P
   9A High-Speed MOSFET Drivers
2005
TC4421 MICROCHIP-TC4421_04 Datasheet
334Kb / 18P
   9A High-Speed MOSFET Drivers
2004
TC4421M MICROCHIP-TC4421M_13 Datasheet
253Kb / 18P
   9A High-Speed MOSFET Drivers
11/29/12
TC4422ESM MICROCHIP-TC4422ESM Datasheet
276Kb / 18P
   9A High-Speed MOSFET Drivers
08/24/04
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
logo
Calogic, LLC
AS4420 CALOGIC-AS4420_15 Datasheet
443Kb / 6P
   High Speed MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com