Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

93AA56 Datasheet(PDF) 3 Page - Microchip Technology

No. de pieza 93AA56
Descripción Electrónicos  1K/2K/4K 1.8V Microwire Serial EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA56 Datasheet(HTML) 3 Page - Microchip Technology

  93AA56 Datasheet HTML 1Page - Microchip Technology 93AA56 Datasheet HTML 2Page - Microchip Technology 93AA56 Datasheet HTML 3Page - Microchip Technology 93AA56 Datasheet HTML 4Page - Microchip Technology 93AA56 Datasheet HTML 5Page - Microchip Technology 93AA56 Datasheet HTML 6Page - Microchip Technology 93AA56 Datasheet HTML 7Page - Microchip Technology 93AA56 Datasheet HTML 8Page - Microchip Technology 93AA56 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
 1998-2012 Microchip Technology Inc.
DS20067K-page 3
93AA46/56/66
TABLE 1-1:
DC AND AC ELECTRICAL CHARACTERISTICS
VCC = +1.8V to +5.5V
Commercial (C): TA = 0°C to +70°C
Industrial (I):
TA = -40°C to +85°C
Parameter
Symbol
Min
Typ
Max
Units
Conditions
High-level input voltage
VIH12.0
VCC+1
V
VCC
 2.7V
VIH20.7 VCC
—VCC+1
V
VCC < 2.7V
Low-level input voltage
VIL1
-0.3
0.8
V
VCC
 2.7V
VIL2
-0.3
0.2 VCC
VVCC < 2.7V
Low-level output voltage
VOL1—
0.4
V
IOL = 2.1 mA; VCC = 4.5V
VOL2—
0.2
V
IOL = 100
A; VCC = 1.8V
High-level output voltage
VOH12.4
V
IOH = -400
A; VCC = 4.5V
VOH2VCC-0.2
V
IOH = -100
A; VCC = 1.8V
Input leakage current
ILI
-10
10
AVIN = 0.1V to VCC
Output leakage current
ILO
-10
10
AVOUT = 0.1V to VCC
Pin capacitance
(all inputs/outputs)
CIN, COUT
——
7
pF
VIN/VOUT = 0V (Note 1 & 2)
TA = +25°C, FCLK = 1 MHz
Operating current
ICC write
3
mA
FCLK = 2 MHz; VCC=5.5V
(Note 2)
ICC read
70
1
500
mA
A
A
FCLK = 2 MHz; VCC = 5.5V
FCLK = 1 MHz; VCC = 3.0V
FCLK = 1 MHz; VCC = 1.8V
Standby current
ICCS
2
100
30
A
A
A
CLK = CS = 0V; VCC = 5.5V
CLK = CS = 0V; VCC = 3.0V
CLK = CS = 0V; VCC = 1.8V
ORG, DI = VSS or VCC
Clock frequency
FCLK
2
1
MHz
MHz
VCC
 4.5V
VCC < 4.5V
Clock high time
TCKH
250
ns
Clock low time
TCKL
250
ns
Chip select setup time
TCSS
50
ns
Relative to CLK
Chip select hold time
TCSH
0
ns
Relative to CLK
Chip select low time
TCSL
250
ns
Data input setup time
TDIS
100
ns
Relative to CLK
Data input hold time
TDIH
100
ns
Relative to CLK
Data output delay time
TPD
400
ns
CL = 100 pF
Data output disable time
TCZ
100
ns
CL = 100 pF (Note 2)
Status valid time
TSV
500
ns
CL = 100 pF
Program cycle time
TWC
410
ms
Erase/Write mode
TEC
815
ms
ERAL mode (Vcc = 5V
 10%)
TWL
16
30
ms
WRAL mode (Vcc = 5V
 10%)
Endurance
1M
1M
25°C, Vcc = 5.0V, Block mode
(Note 3)
Note 1:
This parameter is tested at TA = 25
C and FCLK = 1 MHz.
2:
This parameter is periodically sampled and not 100% tested.
3:
This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model which can be obtained from Microchip’s web site.


Número de pieza similar - 93AA56

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
93AA56 MICROCHIP-93AA56 Datasheet
95Kb / 12P
   1K/2K/4K 1.8V Microwire Serial EEPROM
1996
93AA56 MICROCHIP-93AA56 Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA56-P MICROCHIP-93AA56-P Datasheet
95Kb / 12P
   1K/2K/4K 1.8V Microwire Serial EEPROM
1996
93AA56-SM MICROCHIP-93AA56-SM Datasheet
95Kb / 12P
   1K/2K/4K 1.8V Microwire Serial EEPROM
1996
93AA56-SN MICROCHIP-93AA56-SN Datasheet
95Kb / 12P
   1K/2K/4K 1.8V Microwire Serial EEPROM
1996
More results

Descripción similar - 93AA56

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA46 MICROCHIP-93AA46_04 Datasheet
357Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
2004
93AA46 MICROCHIP-93AA46 Datasheet
95Kb / 12P
   1K/2K/4K 1.8V Microwire Serial EEPROM
1996
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC46 MICROCHIP-93LC46 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC46 MICROCHIP-93LC46_13 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC56 MICROCHIP-93LC56 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC46 MICROCHIP-93LC46_04 Datasheet
328Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC46SN MICROCHIP-93LC46SN Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46 MICROCHIP-93LC46 Datasheet
222Kb / 12P
   1K/2K/4K 2.0V Microwire Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com