Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDS8433A Datasheet(PDF) 1 Page - Fairchild Semiconductor

No. de pieza FDS8433A
Descripción Electrónicos  Single P-Channel 2.5V Specified MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS8433A Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDS8433A Datasheet HTML 1Page - Fairchild Semiconductor FDS8433A Datasheet HTML 2Page - Fairchild Semiconductor FDS8433A Datasheet HTML 3Page - Fairchild Semiconductor FDS8433A Datasheet HTML 4Page - Fairchild Semiconductor FDS8433A Datasheet HTML 5Page - Fairchild Semiconductor FDS8433A Datasheet HTML 6Page - Fairchild Semiconductor FDS8433A Datasheet HTML 7Page - Fairchild Semiconductor FDS8433A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FDS8433A Rev. B1
FDS8433A
Single P-Channel 2.5V Specified MOSFET
General Description
This P-Channel enhancement mode power field effect
transistors is produced using Fairchild’s proprietary,
high cell density, DMOS technology. This very high
density processis especially tailored to minimize
on-state resistance and provide superior switching
performance.
Applications
Load switch
DC/DC converter
Battery protection
October 1998
PRELIMINARY
Features
-5 A, -20 V. R
DS(on)
= 0.045
Ω @ V
GS
= -4.5 V
R
DS(on)
= 0.070
Ω @ V
GS
= -2.5 V
Fast switching speed.
High density cell design for extremely low R
DS(on)
.
High power and current handling capability.
©1998 Fairchild Semiconductor Corporation
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Symbol
Parameter
FDS8433A
Units
VDSS
Drain-Source Voltage
-20
V
VGSS
Gate-Source Voltage
±8V
ID
Drain Current
- Continuous
(Note 1a)
-5
A
- Pulsed
-50
PD
Power Dissipation for Single Operation
(Note 1a)
2.5
W
(Note 1b)
1.2
(Note 1c)
1
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
JA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
50
°C/W
JC
Thermal Resistance, Junction-to-Case
(Note 1)
25
°C/W
Package Outlines and Ordering Information
Device Marking
Device
Reel Size
Tape Width
Quantity
FDS8433A
FDS8433A
13’’
12mm
2500 units
5
6
8
3
1
7
4
2
S
D
S
S
SO-8
D
D
D
G


Número de pieza similar - FDS8433A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS8433A FAIRCHILD-FDS8433A Datasheet
84Kb / 5P
   Single P-Channel 2.5V Specified MOSFET
FDS8433A FAIRCHILD-FDS8433A_00 Datasheet
84Kb / 5P
   Single P-Channel 2.5V Specified MOSFET
More results

Descripción similar - FDS8433A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FDS8433A FAIRCHILD-FDS8433A_00 Datasheet
84Kb / 5P
   Single P-Channel 2.5V Specified MOSFET
FDN336P FAIRCHILD-FDN336P Datasheet
64Kb / 5P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDY100PZ FAIRCHILD-FDY100PZ Datasheet
176Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
FDS6375 FAIRCHILD-FDS6375 Datasheet
194Kb / 8P
   Single P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDN336P FAIRCHILD-FDN336P_05 Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
FDY101PZ FAIRCHILD-FDY101PZ Datasheet
124Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
SI9424DY FAIRCHILD-SI9424DY Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
FDS9431A FAIRCHILD-FDS9431A_10 Datasheet
364Kb / 5P
   P-Channel 2.5V Specified MOSFET
FDS9431A FAIRCHILD-FDS9431A Datasheet
204Kb / 8P
   P-Channel 2.5V Specified MOSFET
FDR836P FAIRCHILD-FDR836P Datasheet
224Kb / 8P
   P-Channel 2.5V Specified MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com