Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC120 Datasheet(PDF) 10 Page - Microchip Technology |
|
TC120 Datasheet(HTML) 10 Page - Microchip Technology |
10 / 16 page TC120 DS21365C-page 10 2001-2012 Microchip Technology Inc. 4.0 PACKAGING INFORMATION 4.1 Package Marking Information Package marking data not available at this time. 4.2 Taping Form 4.3 Package Dimensions Component Taping Orientation for 8-Pin SOP Devices Package Carrier Width (W) Pitch (P) Part Per Full Reel Reel Size 8-Pin SOP 12 mm 8 mm 1000 7 in Carrier Tape, Number of Components Per Reel and Reel Size PIN 1 User Direction of Feed Standard Reel Component Orientation for TR Suffix Device W P 8-Pin SOP .181 (4.60) .165 (4.20) .217 (5.50) .193 (4.90) .069 (1.75) .055 (1.40) .008 (0.20) .000 (0.00) .020 (0.50) .012 (0.30) .256 (6.50) .232 (5.90) PIN 1 .010 (0.25) .004 (0.10) .018 (0.45) .014 (0.35) 8 ° MAX. .051 (1.30) .049 (1.24) Dimensions: inches (mm) Note: For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging |
Número de pieza similar - TC120_13 |
|
Descripción similar - TC120_13 |