Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD713JR-16 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza AD713JR-16
Descripción Electrónicos  Precision, High Speed, BiFET Quad Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD713JR-16 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD713JR-16 Datasheet HTML 2Page - Analog Devices AD713JR-16 Datasheet HTML 3Page - Analog Devices AD713JR-16 Datasheet HTML 4Page - Analog Devices AD713JR-16 Datasheet HTML 5Page - Analog Devices AD713JR-16 Datasheet HTML 6Page - Analog Devices AD713JR-16 Datasheet HTML 7Page - Analog Devices AD713JR-16 Datasheet HTML 8Page - Analog Devices AD713JR-16 Datasheet HTML 9Page - Analog Devices AD713JR-16 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
AD713
Rev. F | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±15 V at TA = 25°C, unless otherwise noted.
20
15
10
5
0
0
5
10
15
20
SUPPLY VOLTAGE (±V)
RL = 2kΩ
TA = 25°C
Figure 3. Input Voltage Swing vs. Supply Voltage
20
15
+VOUT
–VOUT
10
5
0
0
5
10
15
20
SUPPLY VOLTAGE (±V)
RL = 2kΩ
TA = 25°C
Figure 4. Output Voltage Swing vs. Supply Voltage
30
25
20
15
10
5
0
10
100
1k
10k
LOAD RESISTANCE (Ω)
±15V SUPPLIES
Figure 5. Output Voltage Swing vs. Load Resistance
16
12
8
4
0
0
5
10
15
20
SUPPLY VOLTAGE (V)
Figure 6. Quiescent Current vs. Supply Voltage
10–6
10–7
10–8
10–9
10–10
10–11
10–12
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 7. Input Bias Current vs. Temperature
100
10
1
0.1
0.01
1k
10k
100k
1M
10M
FREQUENCY (Hz)
Figure 8. Output Impedance vs. Frequency, G = 1


Número de pieza similar - AD713JR-16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD713JR-16 AD-AD713JR-16 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD713JR-16 AD-AD713JR-16 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR-16 AD-AD713JR-16 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR-16 AD-AD713JR-16 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR-16 AD-AD713JR-16 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
More results

Descripción similar - AD713JR-16

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD713 AD-AD713_17 Datasheet
383Kb / 21P
   Precision, High Speed, BiFET Quad Op Amp
AD713KNZ AD-AD713KNZ Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JR AD-AD713JR Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713JRZ16 AD-AD713JRZ16 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713_15 Datasheet
362Kb / 20P
   Precision, High Speed, BiFET Quad Op Amp
Rev. F
AD713 AD-AD713 Datasheet
456Kb / 14P
   Quad Precision, Low Cost, High Speed, BiFET Op Amp
REV. C
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711 Datasheet
523Kb / 12P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. A
AD711SH AD-AD711SH Datasheet
543Kb / 16P
   Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com