Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1108-xxVDB Datasheet(PDF) 6 Page - Microchip Technology

No. de pieza TC1108-xxVDB
Descripción Electrónicos  300mA CMOS LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1108-xxVDB Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1108-xxVDB Datasheet HTML 2Page - Microchip Technology TC1108-xxVDB Datasheet HTML 3Page - Microchip Technology TC1108-xxVDB Datasheet HTML 4Page - Microchip Technology TC1108-xxVDB Datasheet HTML 5Page - Microchip Technology TC1108-xxVDB Datasheet HTML 6Page - Microchip Technology TC1108-xxVDB Datasheet HTML 7Page - Microchip Technology TC1108-xxVDB Datasheet HTML 8Page - Microchip Technology TC1108-xxVDB Datasheet HTML 9Page - Microchip Technology TC1108-xxVDB Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TC1108
DS21357C-page 6
 2002-2012 Microchip Technology Inc.
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
“1” = part number code
“2” = represents temperature + date code + lot identity
+ subcontractor identity
6.2
Taping Form
TC1108 (V)
Code
TC1108-2.5VDB
110825
TC1108-2.8VDB
110828
TC1108-3.0VDB
110830
TC1108-3.3VDB
110833
TC1108-5.0VDB
110850
Component Taping Orientation for 3-Pin SOT-223 Devices
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
3-Pin SOT-223
12 mm
8 mm
4000
13 in
Carrier Tape, Number of Components Per Reel and Reel Size
User Direction of Feed
Device
Marking
PIN 1
Standard Reel Component Orientation
for TR Suffix Device
(Mark Right Side Up)
W
P


Número de pieza similar - TC1108-xxVDB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1108-25VDB MICROCHIP-TC1108-25VDB Datasheet
430Kb / 12P
   300mA CMOS LDO
2002
TC1108-28VDB MICROCHIP-TC1108-28VDB Datasheet
430Kb / 12P
   300mA CMOS LDO
2002
TC1108-3.3VDBTR MICROCHIP-TC1108-3.3VDBTR Datasheet
197Kb / 12P
   300mA CMOS LDO
10/26/12
TC1108-30VDB MICROCHIP-TC1108-30VDB Datasheet
430Kb / 12P
   300mA CMOS LDO
2002
TC1108-33VDB MICROCHIP-TC1108-33VDB Datasheet
430Kb / 12P
   300mA CMOS LDO
2002
More results

Descripción similar - TC1108-xxVDB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com