Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1108-xxVDB Datasheet(PDF) 1 Page - Microchip Technology |
|
TC1108-xxVDB Datasheet(HTML) 1 Page - Microchip Technology |
1 / 12 page 2002-2012 Microchip Technology Inc. DS21357C-page 1 TC1108 Features • Extremely Low Supply Current (50 A, Typ.) • Very Low Dropout Voltage • 300mA Output Current • High Output Voltage Accuracy • Standard or Custom Output Voltages • Over Current and Over Temperature Protection Applications • Battery Operated Systems • Portable Computers • Medical Instruments • Instrumentation • Cellular/GSM/PHS Phones • Linear Post-Regulators for SMPS • Pagers Device Selection Table NOTE: xx indicates output voltages Available Output Voltages: 2.5, 2.8, 3.0, 3.3, 5.0. Other output voltages are available. Please contact Microchip Technology Inc. for details. Package Type General Description The TC1108 is a fixed output, high accuracy (typically ±0.5%) CMOS low dropout regulator. Total supply current is typically 50 A at full load (20 to 60 times lower than in bipolar regulators). TC1108 key features include ultra low noise operation, very low dropout voltage (typically 240mV at full load), and fast response to step changes in load. The TC1108 incorporates both over temperature and over current protection. The TC1108 is stable with an output capacitor of only 1 F and has a maximum output current of 300mA. It is available in a SOT-223 package. Typical Application Part Number Package Junction Temp. Range TC1108-xxVDB 3-Pin SOT-223 -40°C to +125°C SOT-223 3 2 1 VOUT GND VIN TC1108VDB TC1108 1 2 3 VIN VOUT C1 1 μF GND VOUT VIN + 300mA CMOS LDO |
Número de pieza similar - TC1108-xxVDB |
|
Descripción similar - TC1108-xxVDB |