Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1173-xxVOA Datasheet(PDF) 2 Page - Microchip Technology |
|
TC1173-xxVOA Datasheet(HTML) 2 Page - Microchip Technology |
2 / 14 page TC1173 DS21362C-page 2 2002-2012 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings* Input Voltage .........................................................6.5V Output Voltage.................. (VSS – 0.3V) to (VIN + 0.3V) Power Dissipation................Internally Limited (Note 6) Maximum Voltage on Any Pin ........ VIN +0.3V to -0.3V Operating Temperature Range...... -40°C < TJ < 125°C Storage Temperature..........................-65°C to +150°C Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. TC1173 ELECTRICAL SPECIFICATIONS Electrical Characteristics: VIN = VOUT + 1V, IL = 0.1mA, CL = 3.3F, SHDN > VIH, TA = 25°C, unless otherwise noted. Boldface type specifications apply for junction temperatures of -40°C to +125°C. Symbol Parameter Min Typ Max Units Test Conditions VIN Input Operating Voltage 2.7 — 6.0 V Note 8 IOUTMAX Maximum Output Current 300 —— mA VOUT Output Voltage — VR – 2.5% VR ±0.5% — — VR + 2.5% V Note 1 V OUT/TVOUT Temperature Coefficient — 40 — ppm/°C Note 2 V OUT/VIN Line Regulation — 0.05 0.35 %(VR + 1V) VIN6V V OUT/VOUT Load Regulation — 0.5 2.0 %IL = 0.1mA to IOUTMAX (Note 3) VIN-VOUT Dropout Voltage — — — 20 80 240 30 160 480 mV IL = 0.1mA IL = 100mA IL = 300mA (Note 4) ISS1 Supply Current — 50 90 A SHDN = VIH, ISS2 Shutdown Supply Current — 0.05 0.5 A SHDN = 0V PSRR Power Supply Rejection Ratio — 60 — dB FRE 1kHz IOUTSC Output Short Circuit Current — 550 650 mA VOUT = 0V V OUT/PD Thermal Regulation — 0.04 — V/W Note 5 eN Output Noise — 260 — nV/ Hz F = 1kHz, C OUT = 1F, RLOAD = 50 SHDN Input VIH SHDN Input High Threshold 45 —— %VIN VIL SHDN Input Low Threshold — — 15 %VIN ERROR Output VMIN Minimum Operating Voltage 1.0 — — V VOL Output Logic Low Voltage — — 400 mV 1 mA Flows to ERROR VTH ERROR Threshold Voltage — 0.95 x VR —V VOL ERROR Positive Hysteresis — 50 — mV Note 7 Note 1: VR is the user-programmed regulator output voltage setting. 2: 3: Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested over a load range from 0.1mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the thermal regula- tion specification. 4: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at a 1V differential. 5: Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 msec. 6: The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the thermal resistance from junction-to-air (i.e., TA, TJ, JA). Exceeding the maximum allowable power dissipation causes the device to initiate thermal shutdown. Please see Section 4.0 Thermal Considerations for more details. 7: Hysteresis voltage is referenced by VR. 8: The minimum VIN has to justify the conditions: VIN VR + VDROPOUT and VIN 2.7V for IL = 0.1mA to IOUTMAX. TC VOUT = (VOUTMAX – VOUTMIN) x 10 6 VOUT x T |
Número de pieza similar - TC1173-xxVOA |
|
Descripción similar - TC1173-xxVOA |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |