Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1173-xxVUA Datasheet(PDF) 4 Page - Microchip Technology

No. de pieza TC1173-xxVUA
Descripción Electrónicos  300mA CMOS LDO with Shutdown ERROR Output and Bypass
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1173-xxVUA Datasheet(HTML) 4 Page - Microchip Technology

  TC1173-xxVUA Datasheet HTML 1Page - Microchip Technology TC1173-xxVUA Datasheet HTML 2Page - Microchip Technology TC1173-xxVUA Datasheet HTML 3Page - Microchip Technology TC1173-xxVUA Datasheet HTML 4Page - Microchip Technology TC1173-xxVUA Datasheet HTML 5Page - Microchip Technology TC1173-xxVUA Datasheet HTML 6Page - Microchip Technology TC1173-xxVUA Datasheet HTML 7Page - Microchip Technology TC1173-xxVUA Datasheet HTML 8Page - Microchip Technology TC1173-xxVUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TC1173
DS21362C-page 4
 2002-2012 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC1173 is a fixed output, low drop-out regulator.
Unlike bipolar regulators, the TC1173’s supply current
does not increase with load current. In addition, VOUT
remains stable and within regulation over the entire
0mA to IOUTMAX operating load current range, (an
important consideration in RTC and CMOS RAM
battery back-up applications).
Figure 3-1 shows a typical application circuit. The
regulator is enabled any time the shutdown input
(SHDN) is at or above VIH, and shutdown (disabled)
when SHDN is at or below VIL. SHDN may be
controlled by a CMOS logic gate, or I/O port of a
microcontroller. If the SHDN input is not required, it
should be connected directly to the input supply. While
in shutdown, supply current decreases to 0.05
A
(typical), VOUT falls to zero and ERROR is disabled.
FIGURE 3-1:
TYPICAL APPLICATION
CIRCUIT
3.1
ERROR Output
ERROR is driven low whenever VOUT falls out of
regulation by more than – 5% (typical). This condition
may be caused by low input voltage, output current
limiting, or thermal limiting. The ERROR threshold is
5% below rated VOUT regardless of the programmed
output voltage value (e.g., ERROR = VOL at 4.75V
(typ.) for a 5.0V regulator and 2.85V (typ.) for a 3.0V
regulator). ERROR output operation is shown in
Figure 3-2.
Note that ERROR is active when VOUT is at or below
VTH, and inactive when VOUT is above VTH + VH.
As shown in Figure 3-1, ERROR can be used as a
battery low flag, or as a processor RESET signal (with
the addition of timing capacitor C3). R1 x C3 should be
chosen to maintain ERROR below VIH of the processor
RESET input for at least 200 msec to allow time for the
system to stabilize. Pull-up resistor R1 can be tied to
VOUT, VIN or any other voltage less than (VIN + 0.3V).
FIGURE 3-2:
ERROR OUTPUT
OPERATION
3.2
Output Capacitor
A 1
F (min) capacitor from V
OUT
to ground is
recommended. The output capacitor should have an
effective series resistance greater than 0.1
 and less
than 5.0
. A 1F capacitor should be connected from
VIN to GND if there is more than 10 inches of wire
between the regulator and the AC filter capacitor, or if a
battery is used as the power source. Aluminum
electrolytic or tantalum capacitor types can be used.
(Since many aluminum electrolytic capacitors freeze at
approximately -30°C, solid tantalums are recom-
mended for applications operating below -25°C.)
When operating from sources other than batteries,
supply-noise rejection and transient response can be
improved by increasing the value of the input and
output capacitors and employing passive filtering
techniques.
3.3
Bypass Input
A 470pF capacitor connected from the Bypass input to
ground
reduces
noise
present
on
the
internal
reference, which in turn significantly reduces output
noise. If output noise is not a concern, this input may be
left unconnected. Larger capacitor values may be
used, but results in a longer time period to rated output
voltage when power is initially applied.
TC1173
1
2
3
4
VOUT
VOUT
CBYPASS
470pF
(Optional)
Shutdown Control
(from Power Control Logic)
C1
1
μF
GND
NC
Bypass
VIN
NC
SHDN
+
ERROR
5
6
7
8
C3 required only if ERROR
is used as a processor RESET signal.
(see text)
Battery
RESET or
Battery Low
R3
1M
C2
1
μF
C3
0.2
μF
+
+
VTH
VOUT
ERROR
VIH
VOL
HYSTERESIS (VH)


Número de pieza similar - TC1173-xxVUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TelCom Semiconductor, I...
TC1173-2.5VOA TELCOM-TC1173-2.5VOA Datasheet
54Kb / 7P
   300mA CMOS LDO with Shutdown, ERROR Output and Bypass
TC1173-2.5VUA TELCOM-TC1173-2.5VUA Datasheet
54Kb / 7P
   300mA CMOS LDO with Shutdown, ERROR Output and Bypass
TC1173-2.8VOA TELCOM-TC1173-2.8VOA Datasheet
54Kb / 7P
   300mA CMOS LDO with Shutdown, ERROR Output and Bypass
TC1173-2.8VUA TELCOM-TC1173-2.8VUA Datasheet
54Kb / 7P
   300mA CMOS LDO with Shutdown, ERROR Output and Bypass
TC1173-3.0VOA TELCOM-TC1173-3.0VOA Datasheet
54Kb / 7P
   300mA CMOS LDO with Shutdown, ERROR Output and Bypass
More results

Descripción similar - TC1173-xxVUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TelCom Semiconductor, I...
TC1173 TELCOM-TC1173 Datasheet
54Kb / 7P
   300mA CMOS LDO with Shutdown, ERROR Output and Bypass
logo
Microchip Technology
TC1173 MICROCHIP-TC1173 Datasheet
448Kb / 12P
   300mA CMOS LDO with Shutdown ERROR output and Bypass
2002
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
logo
Microchip Technology
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174_13 Datasheet
211Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1269 MICROCHIP-TC1269_13 Datasheet
198Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1269 MICROCHIP-TC1269 Datasheet
432Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1107 MICROCHIP-TC1107_13 Datasheet
209Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com