Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1108-5.0VDB Datasheet(PDF) 5 Page - Microchip Technology |
|
TC1108-5.0VDB Datasheet(HTML) 5 Page - Microchip Technology |
5 / 12 page 2002-2012 Microchip Technology Inc. DS21357C-page 5 TC1108 5.0 TYPICAL CHARACTERISTICS Note: The graphs and tables provided following this note are a statistical summary based on a limited number of samples and are provided for informational purposes only. The performance characteristics listed herein are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside specified power supply range) and therefore outside the warranted range. Output Noise FREQUENCY (kHz) 10.0 1.0 0.01 0.01 1 10 100 1000 0.1 0.0 RLOAD = 50Ω COUT = 1μF 0.012 0.010 0.008 0.004 0.002 0.000 -0.002 -0.004 0.006 -40 ° -20° 0° 20° 40° 60° 80° 100° 120° TEMPERATURE ( °C) Line Regulation 2.00 1.80 1.60 1.20 1.00 0.80 0.60 0.40 0.20 0.00 1.40 -40 ° -20° 0° 20° 40° 60° 80° 100° 120° TEMPERATURE ( °C) Load Regulation 1 to 300mA 1 to 50mA 1 to 100mA 0.40 0.35 0.30 0.25 0.20 0.15 0.10 0.05 0.00 0 50 100 150 200 250 300 LOAD CURRENT (mA) 100.0 90.0 70.0 80.0 50.0 40.0 60.0 -40 ° -20° 0° 20° 40° 60° 80° 100° 120° TEMPERATURE ( °C) Supply Current 3.075 3.025 2.925 2.975 -40 ° -20° 0° 20° 40° 60° 80° 100° 120° TEMPERATURE ( °C) VOUT vs. Temperature 125 °C 8 85 °C C 70 °C 25 °C 0 °C C -40 °C VIN = 4V ILOAD = 100μA CLOAD = 3.3μF |
Número de pieza similar - TC1108-5.0VDB |
|
Descripción similar - TC1108-5.0VDB |