Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1108-5.0VDB Datasheet(PDF) 1 Page - Microchip Technology

No. de pieza TC1108-5.0VDB
Descripción Electrónicos  300mA CMOS LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1108-5.0VDB Datasheet(HTML) 1 Page - Microchip Technology

  TC1108-5.0VDB Datasheet HTML 1Page - Microchip Technology TC1108-5.0VDB Datasheet HTML 2Page - Microchip Technology TC1108-5.0VDB Datasheet HTML 3Page - Microchip Technology TC1108-5.0VDB Datasheet HTML 4Page - Microchip Technology TC1108-5.0VDB Datasheet HTML 5Page - Microchip Technology TC1108-5.0VDB Datasheet HTML 6Page - Microchip Technology TC1108-5.0VDB Datasheet HTML 7Page - Microchip Technology TC1108-5.0VDB Datasheet HTML 8Page - Microchip Technology TC1108-5.0VDB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 2002-2012 Microchip Technology Inc.
DS21357C-page 1
TC1108
Features
• Extremely Low Supply Current (50
A, Typ.)
• Very Low Dropout Voltage
• 300mA Output Current
• High Output Voltage Accuracy
• Standard or Custom Output Voltages
• Over Current and Over Temperature Protection
Applications
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulators for SMPS
• Pagers
Device Selection Table
NOTE: xx indicates output voltages
Available Output Voltages: 2.5, 2.8, 3.0, 3.3, 5.0.
Other output voltages are available. Please contact Microchip
Technology Inc. for details.
Package Type
General Description
The TC1108 is a fixed output, high accuracy (typically
±0.5%) CMOS low dropout regulator. Total supply
current is typically 50
A at full load (20 to 60 times
lower than in bipolar regulators).
TC1108 key features include ultra low noise operation,
very low dropout voltage (typically 240mV at full load),
and fast response to step changes in load.
The TC1108 incorporates both over temperature and
over current protection. The TC1108 is stable with an
output capacitor of only 1
F and has a maximum
output current of 300mA. It is available in a SOT-223
package.
Typical Application
Part Number
Package
Junction
Temp. Range
TC1108-xxVDB
3-Pin SOT-223
-40°C to +125°C
SOT-223
3
2
1
VOUT
GND
VIN
TC1108VDB
TC1108
1
2
3
VIN
VOUT
C1
1
μF
GND
VOUT
VIN
+
300mA CMOS LDO


Número de pieza similar - TC1108-5.0VDB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1108-50VDB MICROCHIP-TC1108-50VDB Datasheet
430Kb / 12P
   300mA CMOS LDO
2002
More results

Descripción similar - TC1108-5.0VDB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
logo
List of Unclassifed Man...
CM2835 ETC1-CM2835 Datasheet
328Kb / 9P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com