Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1174VUA Datasheet(PDF) 1 Page - Microchip Technology

No. de pieza TC1174VUA
Descripción Electrónicos  300mA CMOS LDO with Shutdown and VREF Bypass
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1174VUA Datasheet(HTML) 1 Page - Microchip Technology

  TC1174VUA Datasheet HTML 1Page - Microchip Technology TC1174VUA Datasheet HTML 2Page - Microchip Technology TC1174VUA Datasheet HTML 3Page - Microchip Technology TC1174VUA Datasheet HTML 4Page - Microchip Technology TC1174VUA Datasheet HTML 5Page - Microchip Technology TC1174VUA Datasheet HTML 6Page - Microchip Technology TC1174VUA Datasheet HTML 7Page - Microchip Technology TC1174VUA Datasheet HTML 8Page - Microchip Technology TC1174VUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
 2002-2012 Microchip Technology Inc.
DS21363C-page 1
TC1174
Features
• Extremely Low Supply Current (50
A, Typ.)
• Very Low Dropout Voltage
• 300mA Output Current
• Adjustable Output Voltages
• Power Saving Shutdown Mode
• Bypass Input for Ultra Quiet Operation
• Over Current and Over Temperature Protection
• Space-Saving MSOP Package Option
Applications
• Battery Operated Systems
• Portable Computers
• Medical Instruments
• Instrumentation
• Cellular/GSM/PHS Phones
• Linear Post-Regulators for SMPS
• Pagers
Device Selection Table
Package Type
General Description
The TC1174 is an adjustable output CMOS low dropout
regulator. Total supply current is typically 50
A at full
load (20 to 60 times lower than in bipolar regulators).
TC1174 key features include ultra low noise operation
(plus optional Bypass input); very low dropout voltage
(typically 270mV at full load) and internal feed-forward
compensation for fast response to step changes in
load. Supply current is reduced to 0.05
A (typical) and
VOUT falls to zero when the shutdown input is low.
The TC1174 incorporates both over temperature and
over current protection. The TC1174 is stable with an
output capacitor of only 1
F and has a maximum
output current of 300mA.
Typical Application
Part Number
Output
Voltage
(V)
Package
Junction
Temp. Range
TC1174VOA
Adjustable
8-Pin SOIC
-40°C to +125°C
TC1174VUA
Adjustable
8-Pin MSOP
-40°C to +125°C
8-Pin SOIC
1
2
3
4
VIN
5
6
7
8
NC
SHDN
VOUT
GND
NC
ADJ
8-Pin MSOP
1
2
3
4
VIN
5
6
7
8
NC
VOUT
GND
NC
ADJ
TC1174VOA
TC1174VUA
Bypass
SHDN
Bypass
TC1174
1
2
3
4
5
6
7
8
VOUT
VOUT
CBYPASS
470pF
(Optional)
Shutdown
Control
(from Power
Control Logic)
GND
NC
ADJ
VIN
VIN
NC
NC
Bypass
SHDN
R1
470K
470K
R2
C1
1
μF
VOUT = VREF x
[— + 1]
R1
R2
+
300mA CMOS LDO with Shutdown and VREF Bypass


Número de pieza similar - TC1174VUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1174VUA MICROCHIP-TC1174VUA Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
More results

Descripción similar - TC1174VUA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1269 MICROCHIP-TC1269_13 Datasheet
198Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002-2012 11/27/12
TC1269 MICROCHIP-TC1269 Datasheet
432Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1174 MICROCHIP-TC1174 Datasheet
444Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1107-3.3VUA MICROCHIP-TC1107-3.3VUA Datasheet
433Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
05/01/02
TC1107 MICROCHIP-TC1107 Datasheet
443Kb / 12P
   300mA CMOS LDO with Shutdown and VREF Bypass
2002
TC1107 MICROCHIP-TC1107_13 Datasheet
209Kb / 14P
   300mA CMOS LDO with Shutdown and VREF Bypass
10/26/12
logo
TelCom Semiconductor, I...
TC1072 TELCOM-TC1072 Datasheet
126Kb / 12P
   50mA CMOS LDO WITH SHUTDOWN, ERROR OUTPUT AND VREF BYPASS
TC1173 TELCOM-TC1173 Datasheet
54Kb / 7P
   300mA CMOS LDO with Shutdown, ERROR Output and Bypass
logo
Microchip Technology
TC1173 MICROCHIP-TC1173 Datasheet
448Kb / 12P
   300mA CMOS LDO with Shutdown ERROR output and Bypass
2002
TC1173 MICROCHIP-TC1173_13 Datasheet
217Kb / 14P
   300mA CMOS LDO with Shutdown ERROR Output and Bypass
10/26/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com