Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD795JRZ-REEL7 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD795JRZ-REEL7
Descripción Electrónicos  Low Power, Low Noise Precision FET Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD795JRZ-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  AD795JRZ-REEL7 Datasheet HTML 1Page - Analog Devices AD795JRZ-REEL7 Datasheet HTML 2Page - Analog Devices AD795JRZ-REEL7 Datasheet HTML 3Page - Analog Devices AD795JRZ-REEL7 Datasheet HTML 4Page - Analog Devices AD795JRZ-REEL7 Datasheet HTML 5Page - Analog Devices AD795JRZ-REEL7 Datasheet HTML 6Page - Analog Devices AD795JRZ-REEL7 Datasheet HTML 7Page - Analog Devices AD795JRZ-REEL7 Datasheet HTML 8Page - Analog Devices AD795JRZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Low Power, Low Noise
Precision FET Op Amp
AD795
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2009 Analog Devices, Inc. All rights reserved.
FEATURES
Low power replacement for Burr-Brown
OPA111, OPA121 op amps
Low noise
3.3 μV p-p maximum, 0.1 Hz to 10 Hz
11 nV/√Hz maximum at 10 kHz
0.6 fA/√Hz at 1 kHz
High dc accuracy
500 μV maximum offset voltage
10 μV/°C maximum drift
2 pA maximum input bias current
Low power: 1.5 mA maximum supply current
APPLICATIONS
Low noise photodiode preamps
CT scanners
Precision l-to-V converters
CONNECTION DIAGRAM
NC 1
–IN 2
+IN 3
–VS 4
NC
8
+VS
7
OUTPUT
6
NC
5
NC = NO CONNECT
AD795
Figure 1. 8-Lead SOIC (R) Package
GENERAL DESCRIPTION
The AD795 is a low noise, precision, FET input operational
amplifier. It offers both the low voltage noise and low offset drift
of a bipolar input op amp and the very low bias current of a FET-
input device. The 1014 Ω common-mode impedance insures
that input bias current is essentially independent of common-
mode voltage and supply voltage variations.
The AD795 has both excellent dc performance and a guaranteed
and tested maximum input voltage noise. It features 2 pA
maximum input bias current and 500 μV maximum offset
voltage, along with low supply current of 1.5 mA maximum.
1k
100
10
1
10
100
1k
10k
FREQUENCY (Hz)
Figure 2. Voltage Noise Spectral Density
Furthermore, the AD795 features a guaranteed low input noise
of 3.3 μV p-p (0.1 Hz to 10 Hz) and a 11 nV/√Hz maximum
noise level at 10 kHz. The AD795 has a fully specified and
tested input offset voltage drift of only 10 μV/°C maximum.
The AD795 is useful for many high input impedance, low noise
applications. The AD795 is rated over the commercial tempera-
ture range of 0°C to +70°C.
The AD795 is available in an 8-lead SOIC package.
50
40
30
20
10
0
–5
–4
–3
–2
–1
0
1
2
3
4
5
INPUT OFFSET VOLTAGE DRIFT (µV/°C)
SAMPLE SIZE = 570
Figure 3. Typical Distribution of Average Input Offset Voltage Drift


Número de pieza similar - AD795JRZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD795JR AD-AD795JR Datasheet
331Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. A
AD795JR AD-AD795JR Datasheet
278Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. B
More results

Descripción similar - AD795JRZ-REEL7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD795 AD-AD795_02 Datasheet
278Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. B
AD795 AD-AD795_15 Datasheet
276Kb / 20P
   Low Power, Low Noise Precision FET Op Amp
REV. C
AD795 AD-AD795 Datasheet
331Kb / 16P
   Low Power, Low Noise Precision FET Op Amp
REV. A
logo
Maxim Integrated Produc...
MXL1007 MAXIM-MXL1007 Datasheet
246Kb / 8P
   Low-Noise, Precision Op Amp
19-0096; Rev 1; 8/94
logo
Analog Devices
AD645 AD-AD645 Datasheet
439Kb / 8P
   Low Noise, Low Drift FET Op Amp
REV. B
logo
Microchip Technology
MCP6286 MICROCHIP-MCP6286 Datasheet
430Kb / 28P
   Low Noise, Low Power Op Amp
2009
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
   Low Noise, High Speed Precision Op Amp
LT1792 LINER-LT1792 Datasheet
169Kb / 12P
   Low Noise, Precision, JFET Input Op Amp
logo
Maxim Integrated Produc...
MAX44246 MAXIM-MAX44246_12 Datasheet
2Mb / 12P
   36V, Low-Noise, Precision, Dual Op Amp
Rev 1; 9/12
MAX44246 MAXIM-MAX44246_13 Datasheet
2Mb / 12P
   36V, Low-Noise, Precision, Dual Op Amp
Rev 3; 5/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com