Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1188 Datasheet(PDF) 5 Page - Microchip Technology

No. de pieza TC1188
Descripción Electrónicos  MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1188 Datasheet(HTML) 5 Page - Microchip Technology

  TC1188_13 Datasheet HTML 1Page - Microchip Technology TC1188_13 Datasheet HTML 2Page - Microchip Technology TC1188_13 Datasheet HTML 3Page - Microchip Technology TC1188_13 Datasheet HTML 4Page - Microchip Technology TC1188_13 Datasheet HTML 5Page - Microchip Technology TC1188_13 Datasheet HTML 6Page - Microchip Technology TC1188_13 Datasheet HTML 7Page - Microchip Technology TC1188_13 Datasheet HTML 8Page - Microchip Technology TC1188_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
 2002-2012 Microchip Technology Inc.
DS21364C-page 5
TC1188/TC1189
FIGURE 2-7:
Power Supply Rejection
Ratio vs. Frequency. (TC1188)
FIGURE 2-8:
TC1189 Shutdown Transient
Response.
FIGURE 2-9:
TC1189 Shutdown Transient
Response.
FIGURE 2-10:
TC1189 Line Response.
FIGURE 2-11:
Wake-Up Response Time.
FREQUENCY (kHz)
10
100 1K
10K
1M
10M
100K
COUT = 1μF
-10
-20
-30
-40
-60
-70
-50
-80
-90
-100
VOUT = 2.84V
RLOAD = 50Ω
100mV p-p
CH2 GND
CH1 GND
200
μsec/Div
SHDN
SHDN = 0V
VOUT = 0.5V/DIV
T = 25
°
CIN = 1μF
CL =1μF
RL = ∞
CH2 GND
CH1 GND
CH1
CH2
200
μsec/Div
CIN = 1μF
COUT =1μF
RL = 100Ω
VIN = 3.5V
T
T
XSHDN = 3V
Turn On
Time = 150
μS
No Overshoot
VOUT = 2.7V
XSHDN = 0V
VOUT = 0V
CH2 GND
CH2
CH1 GND
CH1
100
μsec/Div
CIN = COUT = 1μF, RL = 470Ω, XSHDN = 3.5V
T
T
VOUTAC 20μV/DIV
VIN = 4.5V
VIN = 3.5V
TIME (100
μs/Div)
SHDN
VOUT
0V
2.8V
0V
3V
VIN = 3.6V
ILOAD = 30mA
CIN = 1μF
CLOAD = 1μF


Número de pieza similar - TC1188_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1188-QECT MICROCHIP-TC1188-QECT Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
TC1188-RECT MICROCHIP-TC1188-RECT Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
TC1188-SECT MICROCHIP-TC1188-SECT Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
TC1188-TECT MICROCHIP-TC1188-TECT Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
More results

Descripción similar - TC1188_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1188 MICROCHIP-TC1188 Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
logo
ON Semiconductor
MAX8863 ONSEMI-MAX8863 Datasheet
75Kb / 12P
   Pin-Compatible, Low-Dropout, 120 mA Linear Regulator
February, 2001 ??Rev. 1
logo
Texas Instruments
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76130 TI-TPS76130 Datasheet
198Kb / 11P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI1-TPS76030_11 Datasheet
666Kb / 16P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com