Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1188 Datasheet(PDF) 6 Page - Microchip Technology

No. de pieza TC1188
Descripción Electrónicos  MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1188 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC1188_13 Datasheet HTML 2Page - Microchip Technology TC1188_13 Datasheet HTML 3Page - Microchip Technology TC1188_13 Datasheet HTML 4Page - Microchip Technology TC1188_13 Datasheet HTML 5Page - Microchip Technology TC1188_13 Datasheet HTML 6Page - Microchip Technology TC1188_13 Datasheet HTML 7Page - Microchip Technology TC1188_13 Datasheet HTML 8Page - Microchip Technology TC1188_13 Datasheet HTML 9Page - Microchip Technology TC1188_13 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TC1188/TC1189
DS21364C-page 6
 2002-2012 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Detailed Description
The TC1188/TC1189 devices are fixed output, low
dropout linear regulators. Utilizing CMOS construction,
the internal quiescent current consumed by the regula-
tor is minimized when compared to older bipolar low
dropout regulators.
The LDO output voltage is sensed at the non-inverting
pin of the internal error amplifier. The internal voltage
reference is sensed at the inverting pin of the internal
error amplifier. The error amplifier adjusts the gate
source voltage of the internal P-channel pass device
until the divided down output voltage matches the inter-
nal reference voltage. When it does, the LDO output
voltage is in regulation.
The SHDN, when pulled low, is used to turn off the P-
Channel MOSFET and lower the internal quiescent
current to less than 1 µA maximum. For normal opera-
tion, the SHDN pin is pulled to a high level. (> 2.0V).
The TC1189 incorporates an internal N-Channel MOS-
FET, which is used to discharge the output capacitor
when shutdown. The TC1188 does not have the inter-
nal N-Channel MOSFET, therefore, when the device is
shutdown, the output voltage will decrease at a rate
which is dependant on the load current.
3.2
Turn-On Response
The turn-on response is defined as two separate
response categories: Wake-Up Time (tWK) and Settling
Time (tS).
The TC1188/TC1189 have fast wake-up times (10 µsec
typical) when released from shutdown. See Figure 3-1
for the wake-up time, designated as tWK. The wake-up
time is defined as the time it takes for the output to rise
to 2% of the VOUT value after being released from shut-
down.
The total turn on response is defined as the Settling
Time (tS) (Figure 3-1). Settling Time (inclusive with tWK)
is defined as the condition when the output is within 2%
of its fully enabled value (140 µsec typical) when
released from shutdown. The settling time of the output
voltage is dependent on load conditions and output
capacitance on VOUT (RC response).
FIGURE 3-1:
Wake-Up Response Time.
3.3
Internal P-Channel Pass
Transistor
The Internal P-Channel MOSFET is operated in the lin-
ear region to regulate the LDO output voltage. The
RDSon of the P-Channel MOSFET is approximately
1.1
 making the LDO able to regulate with little input
to output voltage differential, "Low Dropout". Another
benefit of using CMOS construction is that the P-Chan-
nel MOSFET is a voltage controlled device, so it
doesn't consume a fraction of the bias current required
of bipolar PNP LDOs.
Symbol
Description
SHDN
Active Low Shutdown Input. When the SHDN input is low (< 0.2V), the quiscent current for the
TC1188/TC1189 is reduced to 0.1 nA. When the input voltage to the SHDN pin is high (> 2.0V) the
output of the TC1188/TC1189 is enabled. For the TC1189 only, the output capacitor is discharged by
an internal switch when the SHDN is low.
GND
Ground. Connect to ground.
VIN
Unregulated Input Voltage. The input voltage can range from 2.7V to 6.0V.
VOUT
Regulator Output. Sources up to 120 mA. Bypass with a 1 µF, <1
typical ESR capacitor to GND.
GND
Connect to GND.
VIH
tS
tWK
VOUT
98%
2%
VIL
SHDN


Número de pieza similar - TC1188_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1188-QECT MICROCHIP-TC1188-QECT Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
TC1188-RECT MICROCHIP-TC1188-RECT Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
TC1188-SECT MICROCHIP-TC1188-SECT Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
TC1188-TECT MICROCHIP-TC1188-TECT Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
More results

Descripción similar - TC1188_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1188 MICROCHIP-TC1188 Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
logo
ON Semiconductor
MAX8863 ONSEMI-MAX8863 Datasheet
75Kb / 12P
   Pin-Compatible, Low-Dropout, 120 mA Linear Regulator
February, 2001 ??Rev. 1
logo
Texas Instruments
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76130 TI-TPS76130 Datasheet
198Kb / 11P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI1-TPS76030_11 Datasheet
666Kb / 16P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com