Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1189 Datasheet(PDF) 3 Page - Microchip Technology

No. de pieza TC1189
Descripción Electrónicos  MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1189 Datasheet(HTML) 3 Page - Microchip Technology

  TC1189 Datasheet HTML 1Page - Microchip Technology TC1189 Datasheet HTML 2Page - Microchip Technology TC1189 Datasheet HTML 3Page - Microchip Technology TC1189 Datasheet HTML 4Page - Microchip Technology TC1189 Datasheet HTML 5Page - Microchip Technology TC1189 Datasheet HTML 6Page - Microchip Technology TC1189 Datasheet HTML 7Page - Microchip Technology TC1189 Datasheet HTML 8Page - Microchip Technology TC1189 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
 2002-2012 Microchip Technology Inc.
DS21364C-page 3
TC1188/TC1189
Shutdown:
SHDN Input Threshold
V
IH
2.0
V
V
IL
——
0.4
V
SHDN Input Bias Current
Ishdn
0.1
100
nA
V
SHDN = VIN, TA = +25°C, TA = TMAX
—50
nA
V
SHDN = VIN, TA = +25°C, TA = TMAX
Shutdown Supply Current
Iqshdn
0.002
1
AV
OUT = 0V, TA = +25°C, TA = TMAX
—0.02
AV
OUT = 0V, TA = +25°C, TA = TMAX
Shutdown to Output Discharge
Delay (TC1189)
—1
msec
C
OUT = 1 F, no load at 10% of VOUT
Thermal Protection
Thermal Shutdown Temperature
T
SHDN
170
°C
Thermal Shutdown Hysteresis
T
SHDN
—20
°C
DC SPECIFICATIONS (CONTINUED)
Electrical Characteristics:
V
IN = +3.6V, GND = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.
(Note 1)
Parameters
Symbol
Min
Typ
Max
Units
Conditions
Note
1:
Limits are 100% production tested at T
A = +25°C. Limits over the operating temperature range are ensured through cor-
relation using Statistical Quality Control (SQC) methods.
2:
Validated by line regulation test.
3:
Not tested. For design purposes, the current limit should be considered 150 mA minimum to 410 mA maximum.
4:
The dropout voltage is defined as (V
IN – VOUT) when VOUT is 100 mV below the value of VOUT for
V
IN = VOUT +2V.


Número de pieza similar - TC1189

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1189 MICROCHIP-TC1189 Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
TC1189-QECT MICROCHIP-TC1189-QECT Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
TC1189-RECT MICROCHIP-TC1189-RECT Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
TC1189-SECT MICROCHIP-TC1189-SECT Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
TC1189-TECT MICROCHIP-TC1189-TECT Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
More results

Descripción similar - TC1189

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1188 MICROCHIP-TC1188 Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
logo
ON Semiconductor
MAX8863 ONSEMI-MAX8863 Datasheet
75Kb / 12P
   Pin-Compatible, Low-Dropout, 120 mA Linear Regulator
February, 2001 ??Rev. 1
logo
Texas Instruments
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76130 TI-TPS76130 Datasheet
198Kb / 11P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI1-TPS76030_11 Datasheet
666Kb / 16P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com