Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1189 Datasheet(PDF) 4 Page - Microchip Technology

No. de pieza TC1189
Descripción Electrónicos  MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1189 Datasheet(HTML) 4 Page - Microchip Technology

  TC1189 Datasheet HTML 1Page - Microchip Technology TC1189 Datasheet HTML 2Page - Microchip Technology TC1189 Datasheet HTML 3Page - Microchip Technology TC1189 Datasheet HTML 4Page - Microchip Technology TC1189 Datasheet HTML 5Page - Microchip Technology TC1189 Datasheet HTML 6Page - Microchip Technology TC1189 Datasheet HTML 7Page - Microchip Technology TC1189 Datasheet HTML 8Page - Microchip Technology TC1189 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TC1188/TC1189
DS21364C-page 4
 2002-2012 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
FIGURE 2-1:
Line Regulation vs.
Temperature. (TC1188)
FIGURE 2-2:
Output Voltage vs.
Temperature. (TC1188)
FIGURE 2-3:
Load Regulation vs.
Temperature. (TC1188)
FIGURE 2-4:
Load Regulation vs.
Temperature. (TC1188)
FIGURE 2-5:
Dropout Voltage vs.
Temperature. (TC1188)
FIGURE 2-6:
Output Noise vs. Frequency.
(TC1188)
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein are
not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0.10
0.08
0.06
0.04
0.00
–0.02
–0.04
–0.06
–0.08
–0.10
0.02
–40
°C0°C
25
°C
70
°C
85
°C
TEMPERATURE (
°C)
Line Reg. @ 3.50 V
to 5.50V(%)
2.930
2.910
2.890
2.870
2.850
2.830
2.810
2.790
2.770
2.750
–40
°C0°C
25
°C
70
°C
85
°C
TEMPERATURE (
°C)
VOUT - SET/1.0mA
@ 3.5V (V)
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0.000
–40
°C0°C
25
°C
70
°C
85
°C
TEMPERATURE (
°C)
Load Reg. 0 to 50mA (%)
0.040
0.035
0.030
0.025
0.020
0.015
0.010
0.005
0.000
–40
°C0°C
25
°C
70
°C
85
°C
TEMPERATURE (
°C)
Load Reg. 0 to 50mA (%)
Load Reg. 0 to 100mA (%)
0.120
0.100
0.080
0.060
0.040
0.020
0.000
–40
°C0°C
25
°C
70
°C
85
°C
TEMPERATURE (
°C)
50mA, Dropout V (V)
FREQUENCY (kHz)
10.0
1.0
0.01
0.01
1
10
100
1000
0.1
0.0
RLOAD = 50μΩ
COUT = 1μF


Número de pieza similar - TC1189

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1189 MICROCHIP-TC1189 Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
TC1189-QECT MICROCHIP-TC1189-QECT Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
TC1189-RECT MICROCHIP-TC1189-RECT Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
TC1189-SECT MICROCHIP-TC1189-SECT Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
TC1189-TECT MICROCHIP-TC1189-TECT Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
More results

Descripción similar - TC1189

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1188 MICROCHIP-TC1188 Datasheet
301Kb / 16P
   MAX8863/64 Pin Compatible, Low Dropout, 120 mA Linear Regulators
2002
logo
ON Semiconductor
MAX8863 ONSEMI-MAX8863 Datasheet
75Kb / 12P
   Pin-Compatible, Low-Dropout, 120 mA Linear Regulator
February, 2001 ??Rev. 1
logo
Texas Instruments
TPS76301 TI1-TPS76301_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76133DBVRG4 TI-TPS76133DBVRG4 Datasheet
436Kb / 16P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76301 TI-TPS76301 Datasheet
305Kb / 20P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
TPS76130 TI-TPS76130 Datasheet
198Kb / 11P
[Old version datasheet]   LOW-POWER 100-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI1-TPS76030_11 Datasheet
666Kb / 16P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS76030 TI-TPS76030 Datasheet
216Kb / 11P
[Old version datasheet]   LOW-POWER 50-mA LOW-DROPOUT LINEAR REGULATORS
TPS763-Q1 TI1-TPS763-Q1_16 Datasheet
1,021Kb / 24P
[Old version datasheet]   Low-Power, 150-mA, Low-Dropout Linear Regulators
TPS76301-Q1 TI1-TPS76301-Q1 Datasheet
337Kb / 19P
[Old version datasheet]   LOW-POWER 150-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com