Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TC1189 Datasheet(PDF) 2 Page - Microchip Technology |
|
TC1189 Datasheet(HTML) 2 Page - Microchip Technology |
2 / 18 page TC1188/TC1189 DS21364C-page 2 2002-2012 Microchip Technology Inc. 1.0 ELECTRICAL CHARACTERISTICS Absolute Maximum Ratings* Input Voltage .........................................................6.5V Output Short-Circuit Duration.............................Infinite Output Voltage........................... (-0.3V) to (VIN + 0.3V) Maximum Voltage On Any Pin.... (-0.3V) to (VIN +0.3V) Continuous Power Dissipation (T A = +70°C) SOT-23-5 (derate 7.1 mW/°C above +70°C) ..................................................................571 mW Operating Temperature Range...............-40°C to 85°C Storage Temperature..........................-65°C to +160°C Lead Temperature (Soldering, 10 Sec.) ........... +300°C *Notice: *Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect device reliability. DC SPECIFICATIONS Electrical Characteristics: V IN = +3.6V, GND = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C. (Note 1) Parameters Symbol Min Typ Max Units Conditions Input Voltage VIN V OUT+0.5V 2.7 — — 6.0 6.0 VV OUT 2.5V V OUT = 1.8V (Note 2) Output Voltage V OUT 3.05 3.15 3.25 V 0 mA I OUT50 mA T 2.75 2.84 2.93 V 0 mA I OUT50 mA S 2.70 2.80 2.88 V 0 mA I OUT50 mA R 1.745 1.80 1.85 V 0 mA I OUT50 mA Q Maximum Output Current I OUT 120 — — mA Current Limit I LIM — 280 — mA Note 3 Input Current I IN —50 90 µA I OUT = 0 Dropout Voltage — 1.1 — mV I OUT = 1 mA — 55 120 mV I OUT = 50 mA — 110 240 mV I OUT = 100 mA (Note 4) Line Regulation V LNR -0.10 0.001 0.10 %/V V IN = VOUT0.5V to 6.0V —— — %/V I OUT = 1 mA Load Regulation V LDR — 0.01 0.040 %/mA I OUT = 0 mA to 50 mA Output Voltage Noise — 350 — µV RMS 10 Hz to 1 MHz, C OUT = 1 ΜF — 220 — µV RMS 10 Hz to 1 MHz C OUT = 100 ΜF Wake Up Time (from Shutdown Mode) t WK —10 — µsec V IN = 3.6V C IN = 1 µF, COUT = 1 µF I L = 30 mA, (See Figure 3-1) Setting Time (from Shutdown Mode) t S — 140 — µsec V IN = 3.6V C IN = 1 µF, COUT = 1 µF I L = 30 mA, (See Figure 3-1) Note 1: Limits are 100% production tested at T A = +25°C. Limits over the operating temperature range are ensured through cor- relation using Statistical Quality Control (SQC) methods. 2: Validated by line regulation test. 3: Not tested. For design purposes, the current limit should be considered 150 mA minimum to 410 mA maximum. 4: The dropout voltage is defined as (V IN – VOUT) when VOUT is 100 mV below the value of VOUT for V IN = VOUT +2V. |
Número de pieza similar - TC1189 |
|
Descripción similar - TC1189 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |