Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC1223 Datasheet(PDF) 4 Page - Microchip Technology

No. de pieza TC1223
Descripción Electrónicos  50mA and 100mA CMOS LDOs with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1223 Datasheet(HTML) 4 Page - Microchip Technology

  TC1223_13 Datasheet HTML 1Page - Microchip Technology TC1223_13 Datasheet HTML 2Page - Microchip Technology TC1223_13 Datasheet HTML 3Page - Microchip Technology TC1223_13 Datasheet HTML 4Page - Microchip Technology TC1223_13 Datasheet HTML 5Page - Microchip Technology TC1223_13 Datasheet HTML 6Page - Microchip Technology TC1223_13 Datasheet HTML 7Page - Microchip Technology TC1223_13 Datasheet HTML 8Page - Microchip Technology TC1223_13 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC1223/TC1224
DS21368C-page 4
 2002-2012 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
The TC1223 and TC1224 are precision fixed output
voltage regulators. Unlike bipolar regulators, the
TC1223 and TC1224’s supply current does not
increase with load current. In addition, VOUT remains
stable and within regulation over the entire 0mA to
IOUTMAX operating load current range, (an important
consideration in RTC and CMOS RAM battery back-up
applications).
Figure 3-1 shows a typical application circuit. The
regulator is enabled any time the shutdown input
(SHDN) is at or above VIH, and shutdown (disabled)
when SHDN is at or below VIL. SHDN may be
controlled by a CMOS logic gate, or I/O port of a micro-
controller. If the SHDN input is not required, it should be
connected directly to the input supply. While in
shutdown, supply current decreases to 0.05
A (typical)
and VOUT falls to zero volts.
FIGURE 3-1:
TYPICAL APPLICATION
CIRCUIT
3.1
Output Capacitor
A 1
F (min) capacitor from V
OUT
to ground is
recommended. The output capacitor should have an
effective series resistance greater than 0.1
 and less
than 5.0
, and a resonant frequency above 1MHz. A
1
F capacitor should be connected from V
IN to GND if
there is more than 10 inches of wire between the
regulator and the AC filter capacitor, or if a battery is
used as the power source. Aluminum electrolytic or
tantalum capacitor types can be used. (Since many
aluminum electrolytic capacitors freeze at approxi-
mately -30°C, solid tantalums are recommended for
applications operating below -25°C.) When operating
from sources other than batteries, supply-noise
rejection and transient response can be improved by
increasing the value of the input and output capacitors
and employing passive filtering techniques.
TC1223
TC1224
VOUT
SHDN
GND
NC
1
μF
+
VIN
VOUT
Shutdown Control
(to CMOS Logic or Tie
to VIN if unused)
1
μF
+
Battery
+


Número de pieza similar - TC1223_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1223-VCT MICROCHIP-TC1223-VCT Datasheet
463Kb / 14P
   50mA and 100mA CMOS LDOs with Shutdown
05/01/02
TC1223-XXVCT MICROCHIP-TC1223-XXVCT Datasheet
476Kb / 14P
   50mA and 100mA CMOS LDOs with Shutdown
2002
More results

Descripción similar - TC1223_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microchip Technology
TC1223 MICROCHIP-TC1223 Datasheet
476Kb / 14P
   50mA and 100mA CMOS LDOs with Shutdown
2002
TC1224-50VCTTR MICROCHIP-TC1224-50VCTTR Datasheet
463Kb / 14P
   50mA and 100mA CMOS LDOs with Shutdown
05/01/02
TC1070 MICROCHIP-TC1070_07 Datasheet
650Kb / 20P
   50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2007
TC1070 MICROCHIP-TC1070 Datasheet
495Kb / 16P
   50mA, 100mA and 150mA Adjustable CMOS LDOs with Shutdown
2002
TC1014 MICROCHIP-TC1014 Datasheet
558Kb / 20P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and Reference Bypass
2002
TC2054 MICROCHIP-TC2054 Datasheet
519Kb / 16P
   50mA, 100mA, and 150mA CMOS LDOs with Shutdown and Error Output
2002
TC1054 MICROCHIP-TC1054 Datasheet
501Kb / 18P
   50mA, 100mA and 150mA CMOS LDOs with Shutdown and ERROR Output
2002
TC1073 MICROCHIP-TC1073 Datasheet
564Kb / 20P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2002
TC1072 MICROCHIP-TC1072_07 Datasheet
727Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
2007
TC1072-25VCH713 MICROCHIP-TC1072-25VCH713 Datasheet
658Kb / 22P
   50mA and 100mA CMOS LDOs with Shutdown, ERROR Output and VREF Bypass
12/08/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com