Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5241BRUZ1M Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD5241BRUZ1M
Descripción Electrónicos  I2C-Compatible, 256-Position Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5241BRUZ1M Datasheet(HTML) 11 Page - Analog Devices

Back Button AD5241BRUZ1M Datasheet HTML 7Page - Analog Devices AD5241BRUZ1M Datasheet HTML 8Page - Analog Devices AD5241BRUZ1M Datasheet HTML 9Page - Analog Devices AD5241BRUZ1M Datasheet HTML 10Page - Analog Devices AD5241BRUZ1M Datasheet HTML 11Page - Analog Devices AD5241BRUZ1M Datasheet HTML 12Page - Analog Devices AD5241BRUZ1M Datasheet HTML 13Page - Analog Devices AD5241BRUZ1M Datasheet HTML 14Page - Analog Devices AD5241BRUZ1M Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD5241/AD5242
Rev. C | Page 11 of 20
TEST CIRCUITS
Figure 22 to Figure 30 define the test conditions used in the product specifications table.
VMS
A
W
B
DUT
V+
V+ = VDD
1 LSB = V+/2N
Figure 22. Potentiometer Divider Nonlinearity Error (INL, DNL)
NO CONNECT
IW
VMS
A
W
B
DUT
Figure 23. Resistor Position Nonlinearity Error
(Rheostat Operation; R-INL, R-DNL)
VMS1
IW = VDD/RNOMINAL
VMS2
VW
A
W
B
DUT
RW = [VMS1 – VMS2]/IW
Figure 24. Wiper Resistance
Δ
VDD%
Δ
VMS%
PSS (%/%) =
V+ = VDD ±10%
PSRR (dB) = 20 LOG
VDD
VA
VMS
A
W
B
V+
Δ
VDD
Δ
VMS
Figure 25. Power Supply Sensitivity (PSS, PSRR)
OP279
W
5V
B
VOUT
OFFSET
GND
OFFSET
BIAS
A
DUT
Figure 26. Inverting Gain
B
A
VIN
OP279
W
5V
VOUT
OFFSET
GND
OFFSET
BIAS
DUT
Figure 27. Noninverting Gain
+15V
–15V
W
A
2.5V
B
VOUT
OFFSET
GND
DUT
OP42
VIN
Figure 28. Gain vs. Frequency
W
B
DUT
ISW
CODE = 0x00
RSW =
0.1V
ISW
0.1V
VSS TO VDD
Figure 29. Incremental On Resistance
W
B
VCM
ICM
A
NC
GND
NC
VSS
VDD
DUT
Figure 30. Common-Mode Leakage Current


Número de pieza similar - AD5241BRUZ1M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5241BRU10-REEL7 AD-AD5241BRU10-REEL7 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241BRU100-REEL7 AD-AD5241BRU100-REEL7 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5241BRU1M-REEL7 AD-AD5241BRU1M-REEL7 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
More results

Descripción similar - AD5241BRUZ1M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5241BR10 AD-AD5241BR10 Datasheet
394Kb / 16P
   I2C Compatible 256-Position Digital Potentiometers
REV. B
AD5248 AD-AD5248_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243 AD-AD5243_16 Datasheet
834Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
AD5243BRMZ100 AD-AD5243BRMZ100 Datasheet
803Kb / 20P
   Dual, 256-Position, I2C-Compatible Digital Potentiometers
REV. B
AD5241 AD-AD5241_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
AD5242 AD-AD5242_15 Datasheet
550Kb / 20P
   IC-Compatible, 256-Position Digital Potentiometers
REV. C
logo
ON Semiconductor
CAT5171 ONSEMI-CAT5171 Datasheet
171Kb / 12P
   256-Position I2C Compatible Digital Potentiometer
August, 2009 ??Rev. 1
logo
Analog Devices
AD5245BRJ50 AD-AD5245BRJ50 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245BRJ10 AD-AD5245BRJ10 Datasheet
687Kb / 20P
   256-Position I2C-Compatible Digital Potentiometer
REV. B
AD5245 AD-AD5245 Datasheet
995Kb / 16P
   256-Position I2C Compatible Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com