Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD7706BRUZ1 Datasheet(PDF) 9 Page - Analog Devices |
|
AD7706BRUZ1 Datasheet(HTML) 9 Page - Analog Devices |
9 / 44 page AD7705/AD7706 Rev. C | Page 9 of 44 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 3. Parameters Ratings VDD to GND −0.3 V to +7 V Analog Input Voltage to GND −0.3 V to VDD + 0.3 V Reference Input Voltage to GND −0.3 V to VDD + 0.3 V Digital Input Voltage to GND −0.3 V to VDD + 0.3 V Digital Output Voltage to GND −0.3 V to VDD + 0.3 V Operating Temperature Range Commercial (B Version) −40°C to + 85°C Storage Temperature Range −65°C to + 150°C Junction Temperature 150°C PDIP Package, Power Dissipation 450 mW θJA Thermal Impedance 105°C/W Lead Temperature (Soldering, 10 sec) 260°C SOIC Package, Power Dissipation 450 mW θJA Thermal Impedance 75°C/W Lead Temperature, Soldering Vapor Phase (60 sec) 215°C Infrared (15 sec) 220°C SSOP Package, Power Dissipation 450 mW θJA Thermal Impedance 139°C/W Lead Temperature, Soldering Vapor Phase (60 sec) 215°C Infrared (15 sec) 220°C ESD Rating >4000 V Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human body and test equipment and can discharge without detection. Although this product features proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality. |
Número de pieza similar - AD7706BRUZ1 |
|
Descripción similar - AD7706BRUZ1 |