Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD7923BRUZ Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD7923BRUZ
Descripción Electrónicos  4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD7923BRUZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7923BRUZ Datasheet HTML 4Page - Analog Devices AD7923BRUZ Datasheet HTML 5Page - Analog Devices AD7923BRUZ Datasheet HTML 6Page - Analog Devices AD7923BRUZ Datasheet HTML 7Page - Analog Devices AD7923BRUZ Datasheet HTML 8Page - Analog Devices AD7923BRUZ Datasheet HTML 9Page - Analog Devices AD7923BRUZ Datasheet HTML 10Page - Analog Devices AD7923BRUZ Datasheet HTML 11Page - Analog Devices AD7923BRUZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD7923
Rev. C | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
INPUT FREQUENCY (kHz)
–50
–90
–85
–80
–75
–70
–65
–60
–55
10
100
fSAMPLE = 200kSPS
TA = 25°C
RANGE = 0V TO REFIN
AVDD = VDRIVE = 5.25V
AVDD = VDRIVE = 4.75V
AVDD = VDRIVE = 2.7V
AVDD = VDRIVE = 3.6V
FREQUENCY (kHz)
–10
–50
–30
–70
–90
–110
0
10
203040
60
708090
50
100
4096 POINT FFT
AVDD = 4.75V
fSAMPLE = 200kSPS
fIN = 50 kHz
SINAD = 70.714dB
THD = –82.853dB
SFDR = –84.815dB
Figure 4. Dynamic Performance at 200 kSPS
Figure 7. THD vs. Analog Input Frequency
for Various Supply Voltages at 200 kSPS
INPUT FREQUENCY (kHz)
75
70
65
60
0
100
fSAMPLE = 200kSPS
TA = 25°C
RANGE = 0V TO REFIN
AVDD = VDRIVE = 5.25V
AVDD = VDRIVE = 4.75V
AVDD = VDRIVE = 3.6V
AVDD = VDRIVE = 2.7V
INPUT FREQUENCY (kHz)
–55
–95
–90
–85
–80
–75
–70
–65
–60
10
100
fSAMPLE = 200kSPS
TA = 25°C
AVDD = 5.25V
RANGE = 0V TO REFIN
RIN = 100Ω
RIN = 1000Ω
RIN = 10Ω
RIN = 50Ω
Figure 5. SINAD vs. Analog Input Frequency for Various Supply Voltages at
200 kSPS
Figure 8. THD vs. Analog Input Frequency for Various Source Impedances
SUPPLY RIPPLE FREQUENCY (kHz)
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
20
40
60
80
100
120
140
160
180
200
AVDD = 5V
200mV p-p SINE WAVE ON AVDD
REFIN = 2.5V, 1μF CAPACITOR
TA = 25°C
CODE
1.0
0.6
0.8
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
0
512
1024
1536
2048
2560
3072
3584
4096
AVDD = VDRIVE = 5V
TEMP = 25
°C
Figure 9. Typical INL
Figure 6. PSRR vs. Supply Ripple Frequency


Número de pieza similar - AD7923BRUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7923BRUZ AD-AD7923BRUZ Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7923BRUZ-REEL AD-AD7923BRUZ-REEL Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7923BRUZ-REEL7 AD-AD7923BRUZ-REEL7 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
More results

Descripción similar - AD7923BRUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD7923 AD-AD7923 Datasheet
430Kb / 20P
   4-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. 0
AD7923 AD-AD7923_15 Datasheet
381Kb / 24P
   4-Channel, 200 kSPS 12-Bit ADC with Sequencer in 16-Lead TSSOP
REV. D
AD7923 AD-AD7923_17 Datasheet
423Kb / 25P
   4-Channel, 200 kSPS 12-Bit ADC Sequencer in 16-Lead TSSOP
AD7927 AD-AD7927_15 Datasheet
407Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. D
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7927 AD-AD7927 Datasheet
276Kb / 20P
   8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
AD7927 AD-AD7927_17 Datasheet
485Kb / 29P
   8-Channel, 200 kSPS, 12-Bit ADC Sequencer in 20-Lead TSSOP
AD7490 AD-AD7490_15 Datasheet
950Kb / 29P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
AD7490 AD-AD7490 Datasheet
2Mb / 24P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. A
AD7490 AD-AD7490_12 Datasheet
673Kb / 28P
   16-Channel, 1 MSPS, 12-Bit ADC with Sequencer in 28-Lead TSSOP
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com